์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71WS512NC0BFWE73 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 13 Page - SPANSION

๋ถ€ํ’ˆ๋ช… S71WS512NC0BFWE73
์ƒ์„ธ๋‚ด์šฉ  Stacked Multi-Chip Product (MCP)
Download  188 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SPANSION [SPANSION]
ํ™ˆํŽ˜์ด์ง€  http://www.spansion.com
Logo 

S71WS512NC0BFWE73 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 13 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 188 page
 13 / 188 page
background image
September 15, 2005 S71WS-N_01_A4
S71WS-Nx0 Based MCPs
11
Advance
Information
2
Ordering Information
The ordering part number is formed by a valid combination of the following:
Package Marking Note:
The package marking omits the leading S from the ordering part number.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult
your local sales office to confirm availability of specific valid combinations and to check on newly
released combinations.
S71WS 256
N
C
0
BA
W
A
3
0
Packing Type
0= Tray
2
= 7โ€ Tape and Reel
3
= 13โ€ Tape and Reel
RAM Supplier, DYB Power Up, Speed Combinations
3
= RAM Type 4, 0, 54 MHz
7
= RAM Type 4, 1, 54 MHz
2
= RAM Type 4, 0, 66 MHz
6
= RAM Type 4, 1, 66 MHz
Package Modifier
A
= 1.2 mm, 8 x 11.6, 84-ball FBGA
E
= 1.2 mm, 9 x 12, 84-ball FBGA
Y
= 1.4 mm, 9 x 12, 84-ball FBGA
Temperature Range
W
= Wireless (-25ยฐC to +85ยฐC)
Package Type
BA
= Very Thin Fine-Pitch BGA
Lead (Pb)-free Compliant Package
BF
= Very Thin Fine-Pitch BGA
Lead (Pb)-free Package
Chip Contentsโ€”2
No content
pSRAM Density
C = 64 Mb
D = 128 Mb
Process Technology
N
= 110nm MirrorBitโ„ข Technology
Flash Density
512
= 512Mb (2x256Mb)
256
= 256Mb
Device Family
S71WS= Multi-Chip Product
1.8 Volt-only Simultaneous Read/Write Burst Mode
Flash Memory + xRAM
Valid Combinations
S71WS128N
C
0BA, BF
W
A
2, 6, 3, 7
S71WS256N
DE
3, 7
C
A
2, 6, 3, 7
S71WS512N
D
Y2, 6
E
2, 6, 3, 7


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn