전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S29CD032G0JQAI112 데이터시트(PDF) 35 Page - SPANSION

부품명 S29CD032G0JQAI112
상세설명  32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G0JQAI112 데이터시트(HTML) 35 Page - SPANSION

Back Button S29CD032G0JQAI112 Datasheet HTML 31Page - SPANSION S29CD032G0JQAI112 Datasheet HTML 32Page - SPANSION S29CD032G0JQAI112 Datasheet HTML 33Page - SPANSION S29CD032G0JQAI112 Datasheet HTML 34Page - SPANSION S29CD032G0JQAI112 Datasheet HTML 35Page - SPANSION S29CD032G0JQAI112 Datasheet HTML 36Page - SPANSION S29CD032G0JQAI112 Datasheet HTML 37Page - SPANSION S29CD032G0JQAI112 Datasheet HTML 38Page - SPANSION S29CD032G0JQAI112 Datasheet HTML 39Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 87 page
background image
November 14, 2005 S29CD-G_00_B0
S29CD-G Flash Family
33
Pr el im i n a r y
Initial Access Delay Configuration
The frequency configuration informs the device of the number of clocks that must elapse after
ADV# is driven active before data is available. This value is determined by the input clock
frequency.
Sector Protection
The device features several levels of sector protection, which can disable both the program and
erase operations in certain sectors or sector groups
Sector and Sector Groups
The distinction between sectors and sector groups is fundamental to sector protection. Sector are
individual sectors that can be individually sector protected/unprotected. These are the outermost
4 Kword boot sectors, that is, SA0 to SA7 and SA70 to SA77. See Table 35 on page 35, Table 23
on page 19, Table 24 on page 20, Table 25 on page 21, and Table 26 on page 22.
Sector groups are a collection of three or four adjacent 32 kword sectors. For example, sector
group SG8 is comprised of sector SA8 to SA10. When any sector in a sector group is protected/
unprotected, every sector in that group is protection/unprotected. See Table 35, Table 23,
Table 24, Table 25, and Table 26.
Persistent Sector Protection
A command sector protection method that replaces the old 12 V controlled protection method.
Password Sector Protection
A highly sophisticated protection method that requires a password before changes to certain sec-
tors or sector groups are permitted.
WP# Hardware Protection
A write protect pin that can prevent program or erase to the two outermost 8 Kbytes sectors in
the 75% bank.
All parts default to operate in the Persistent Sector Protection mode. The customer must then
choose if the Persistent or Password Protection method is most desirable. There are two one-time
programmable non-volatile bits that define which sector protection method is used. If the cus-
tomer decides to continue using the Persistent Sector Protection method, they must set the
Persistent Sector Protection Mode Locking Bit. This permanently sets the part to operate
only using Persistent Sector Protection. If the customer decides to use the password method, they
must set the Password Mode Locking Bit. This permanently sets the part to operate only using
password sector protection.
It is important to remember that setting either the Persistent Sector Protection Mode Lock-
ing Bit or the Password Mode Locking Bit permanently selects the protection mode. It is not
possible to switch between the two methods once a locking bit is set. It is important that one
mode is explicitly selected when the device is first programmed, rather than relying on
Table 34. Configuration Register After Device Reset
CR15
CR14
CR13
CR12
CR11
CR10
CR9
CR8
RM
Reserve
IAD3
IAD2
IAD1
IAD0
DOC
WC
1
0
0
1
1
1
0
0
CR7
CR6
CR5
CR4
CR3
CR2
CR1
CR0
BS
CC
Reserve
Reserve
Reserve
BL2
BL1
BL0
1
1
0
0
0
1
0
0


유사한 부품 번호 - S29CD032G0JQAI112

제조업체부품명데이터시트상세설명
logo
SPANSION
S29CD032G0JQAI000 SPANSION-S29CD032G0JQAI000 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0JQAI002 SPANSION-S29CD032G0JQAI002 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0JQAI003 SPANSION-S29CD032G0JQAI003 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0JQAI010 SPANSION-S29CD032G0JQAI010 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD032G0JQAI012 SPANSION-S29CD032G0JQAI012 Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
More results

유사한 설명 - S29CD032G0JQAI112

제조업체부품명데이터시트상세설명
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
logo
Advanced Micro Devices
AM29BDD160G AMD-AM29BDD160G Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDD160G AMD-AM29BDD160G_06 Datasheet
1Mb / 79P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com