전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BLF247B 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 BLF247B
상세설명  VHF push-pull power MOS transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF247B 데이터시트(HTML) 3 Page - NXP Semiconductors

  BLF247B Datasheet HTML 1Page - NXP Semiconductors BLF247B Datasheet HTML 2Page - NXP Semiconductors BLF247B Datasheet HTML 3Page - NXP Semiconductors BLF247B Datasheet HTML 4Page - NXP Semiconductors BLF247B Datasheet HTML 5Page - NXP Semiconductors BLF247B Datasheet HTML 6Page - NXP Semiconductors BLF247B Datasheet HTML 7Page - NXP Semiconductors BLF247B Datasheet HTML 8Page - NXP Semiconductors BLF247B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
August 1994
3
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF247B
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per transistor section
VDS
drain-source voltage (DC)
65
V
VGS
gate-source voltage
−±20
V
ID
drain current (DC)
13
A
Ptot
total power dissipation
up to Tmb = 25 °C; total device;
both sections equally loaded
280
W
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
+200
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-mb
thermal resistance from junction to
mounting base
total device; both sections equally
loaded
0.63
K/W
Rth mb-h
thermal resistance from mounting base
to heatsink
total device; both sections equally
loaded
0.15
K/W
Fig.2 DC SOAR.
Total device; both sections equally loaded.
(1) Current in this area may be limited by RDSon.
(2) Tmb =25 °C.
10 2
MBD287
10
1
1
10 2
10
I D
(A)
V
(V)
DS
(1)
(2)
Fig.3 Power derating curves.
Total device; both sections equally loaded.
(1) Continuous operation.
(2) Short-time operation during mismatch.
040
400
300
100
0
200
MBD288
80
120
160
T ( C)
h
Ptot
(W)
o
(2)
(1)


유사한 부품 번호 - BLF247B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BLF242 PHILIPS-BLF242 Datasheet
81Kb / 11P
   HF/VHF power MOS transistor
September 1992
BLF242 NXP-BLF242 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
New Jersey Semi-Conduct...
BLF242 NJSEMI-BLF242 Datasheet
147Kb / 4P
   HF/VHF power MOS transistor
logo
NXP Semiconductors
BLF2425M6L(S)180P NXP-BLF2425M6L(S)180P Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLF2425M6L180P PHILIPS-BLF2425M6L180P_15 Datasheet
337Kb / 12P
   Power LDMOS transistor
Rev. 3-12 July 2013
More results

유사한 설명 - BLF247B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BLF245B PHILIPS-BLF245B Datasheet
94Kb / 12P
   VHF push-pull power MOS transistor
September 1992
BLF368 PHILIPS-BLF368 Datasheet
132Kb / 16P
   VHF push-pull power MOS transistor
1998 Jul 29
logo
Quanzhou Jinmei Electro...
BLF248_2015 JMNIC-BLF248_2015 Datasheet
89Kb / 13P
   VHF push-pull power MOS transistor
logo
eleflow technologies co...
BLF248 ELEFLOW-BLF248 Datasheet
90Kb / 2P
   VHF push-pull power MOS transistor
logo
Quanzhou Jinmei Electro...
BLF368_2015 JMNIC-BLF368_2015 Datasheet
112Kb / 16P
   VHF push-pull power MOS transistor
logo
NXP Semiconductors
BLF248 PHILIPS-BLF248 Datasheet
105Kb / 13P
   VHF push-pull power MOS transistor
September 1992
BLF378 PHILIPS-BLF378 Datasheet
134Kb / 16P
   VHF push-pull power MOS transistor
1998 Jul 29
logo
Quanzhou Jinmei Electro...
BLF278_2015 JMNIC-BLF278_2015 Datasheet
141Kb / 21P
   VHF push-pull power MOS transistor
BLF245B_2015 JMNIC-BLF245B_2015 Datasheet
103Kb / 16P
   VHF push-pull power MOS transistor
BLF245B JMNIC-BLF245B_15 Datasheet
103Kb / 16P
   VHF push-pull power MOS transistor
BLF246B JMNIC-BLF246B_15 Datasheet
99Kb / 16P
   VHF push-pull power MOS transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com