전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S29PL129N65FAI000 데이터시트(PDF) 24 Page - SPANSION

부품명 S29PL129N65FAI000
상세설명  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL129N65FAI000 데이터시트(HTML) 24 Page - SPANSION

Back Button S29PL129N65FAI000 Datasheet HTML 20Page - SPANSION S29PL129N65FAI000 Datasheet HTML 21Page - SPANSION S29PL129N65FAI000 Datasheet HTML 22Page - SPANSION S29PL129N65FAI000 Datasheet HTML 23Page - SPANSION S29PL129N65FAI000 Datasheet HTML 24Page - SPANSION S29PL129N65FAI000 Datasheet HTML 25Page - SPANSION S29PL129N65FAI000 Datasheet HTML 26Page - SPANSION S29PL129N65FAI000 Datasheet HTML 27Page - SPANSION S29PL129N65FAI000 Datasheet HTML 28Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 85 page
background image
22
S29PL-N MirrorBit™ Flash Family
S29PL-N_00_A4 November 23, 2005
Preliminary
Legend: L = Logic Low = VIL, H = Logic High = VIH,VID = 11.5–12.5 V, VHH = 8.5 – 9.5 V,
X = Don’t Care, SA = Sector Address, AIN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1. The sector and sector unprotect functions may also be implemented by programming equipment.
2. WP#/ACC must be high when writing to the upper two and lower two sectors.
7.2
Asynchronous Read
The internal state machine is set for reading array data upon device power-up, or after a hardware
reset. This ensures that no spurious alteration of the memory content occurs during the power
transition. No command is necessary in this mode to obtain array data. Standard microprocessor
read cycles that assert valid addresses on the device address inputs produce valid data on the
device data outputs. Each bank remains enabled for read access until the command register con-
tents are altered.
7.2.1 Non-Page Random Read
Address access time (tACC) is equal to the delay from stable addresses to valid output data. The
chip enable access time (tCE) is the delay from the stable addresses and stable CE# to valid data
at the output inputs. The output enable access time is the delay from the falling edge of the OE#
to valid data at the output (assuming the addresses have been stable for at least tACC – tOE time).
7.2.2 Page Mode Read
The device is capable of fast page mode read and is compatible with the page mode Mask ROM
read operation. This mode provides faster read access speed for random locations within a page.
The random or initial page access is tACC or tCE and subsequent page read accesses (as long as
the locations specified by the microprocessor falls within that page) is equivalent to tPACC. When
CE# is deasserted (= VIH), the reassertion of CE# for subsequent access has access time of tACC
or tCE. Here again, CE# selects the device and OE# is the output control and should be used to
gate data to the output inputs if the device is selected. Fast page mode accesses are obtained by
keeping Amax – A3 constant and changing A2 – A0 to select the specific word within that page.
Address bits Amax – A3 select an 8-word page, and address bits A2 – A0 select a specific word
within that page. This is an asynchronous operation with the microprocessor supplying the specific
word location. See Table 7.3 for details on selecting specific words.
Table 7.2 Dual Chip Enable Device Operation
Operation
CE1# CE2# OE# WE# RESET# WP#/ACC
Addresses
(A21 – A0)
DQ15 – DQ0
Read
LH
LH
H
X
AIN
DOUT
HL
Write
LH
HL
H
X
(Note 2)
AIN
DIN
HL
Standby
H
H
X
X
H
X
X
High-Z
Output Disable
L
L
H
H
H
X
X
High-Z
Reset
X
X
X
X
L
X
X
High-Z
Temporary Sector Unprotect
(High Voltage)
XX
X
X
VID
X
AIN
DIN


유사한 부품 번호 - S29PL129N65FAI000

제조업체부품명데이터시트상세설명
logo
SPANSION
S29PL129N65GAW000 SPANSION-S29PL129N65GAW000 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL129N65GAW002 SPANSION-S29PL129N65GAW002 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL129N65GAW003 SPANSION-S29PL129N65GAW003 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL129N65GAWW00 SPANSION-S29PL129N65GAWW00 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL129N65GAWW02 SPANSION-S29PL129N65GAWW02 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
More results

유사한 설명 - S29PL129N65FAI000

제조업체부품명데이터시트상세설명
logo
SPANSION
S29PL-N SPANSION-S29PL-N_07 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191BHHA SPANSION-AM75PDL191BHHA Datasheet
1Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHH_0402 SPANSION-AM75PDL191CHH_0402 Datasheet
2Mb / 136P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29DL642G AMD-AM29DL642G Datasheet
828Kb / 54P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memo
AM29PDL129H AMD-AM29PDL129H Datasheet
841Kb / 49P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
AM29PDL127H AMD-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
logo
SPANSION
AM29PDLI27H SPANSION-AM29PDLI27H Datasheet
750Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL127H SPANSION-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com