전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQP5N15 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 FQP5N15
상세설명  150V N-CHANNEL MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP5N15 데이터시트(HTML) 8 Page - Fairchild Semiconductor

  FQP5N15 Datasheet HTML 1Page - Fairchild Semiconductor FQP5N15 Datasheet HTML 2Page - Fairchild Semiconductor FQP5N15 Datasheet HTML 3Page - Fairchild Semiconductor FQP5N15 Datasheet HTML 4Page - Fairchild Semiconductor FQP5N15 Datasheet HTML 5Page - Fairchild Semiconductor FQP5N15 Datasheet HTML 6Page - Fairchild Semiconductor FQP5N15 Datasheet HTML 7Page - Fairchild Semiconductor FQP5N15 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
  

 @    #
"6!   @




8


G



!"
 # 
!!
!$%&'G



( )*
( )+
( ),
%&
%-&
.
/

(5,E50>5H,,>>,+>E>,5=E(I>E(=>A5EHH,E>,5>(J
;,HE>,>55;,+>,>05(C505JH5,>5= (5,E50>(H>(J
05(C505J(,55=HE>(;;05(5,H>(J;,H,5,H5>,5C>E>,>5K
>5E>,>5+>J(J05>>H>,5;(>,5=E,E>,5=EE>,

(5,E50 ;,H (,>  (HE,5D> , H> ( ,55(0 ;> 5 05> H;;,
>+5> , J> A5EH E> >L;,> A,5> (;;,+(0  (5,E50 >5H,
5>,(5(0
(M
) 0! ! 
 12  "
1"2 1 2 
    
!   "   " "  6  
  7
8 (     
!          "
" 6    
!   !

    !"
   !
"!"
 
(! 5
!5

   
 !     
 
; 
; 
  
  ""  
    !@
 !

5 
 ; 
       
  !@ 
 !
" 
5; 
    
" "    
  



유사한 부품 번호 - FQP5N15

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQP5N20 FAIRCHILD-FQP5N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP5N20 ISC-FQP5N20 Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQP5N20L FAIRCHILD-FQP5N20L Datasheet
605Kb / 8P
   200V LOGIC N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
   300V N-Channel MOSFET
FQP5N40 FAIRCHILD-FQP5N40 Datasheet
695Kb / 8P
   400V N-Channel MOSFET
More results

유사한 설명 - FQP5N15

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
   150V N-Channel MOSFET
FQPF5N15 FAIRCHILD-FQPF5N15 Datasheet
748Kb / 8P
   150V N-Channel MOSFET
FQD16N15 FAIRCHILD-FQD16N15 Datasheet
730Kb / 9P
   150V N-Channel MOSFET
FQPF9N15 FAIRCHILD-FQPF9N15 Datasheet
755Kb / 8P
   150V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1502G5 GOOD-ARK-SSF1502G5_15 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
SSS1510 GOOD-ARK-SSS1510 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB2502L AOSMD-AOB2502L Datasheet
334Kb / 6P
   150V N-Channel MOSFET
AON6250 AOSMD-AON6250 Datasheet
283Kb / 6P
   150V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP28N15 FAIRCHILD-FQP28N15 Datasheet
797Kb / 8P
   150V N-Channel MOSFET
FDP79N15 FAIRCHILD-FDP79N15 Datasheet
1Mb / 10P
   150V N-Channel MOSFET
FQB45N15V2 FAIRCHILD-FQB45N15V2 Datasheet
668Kb / 9P
   150V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com