전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2853MH-1.2 데이터시트(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM2853MH-1.2
상세설명  3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2853MH-1.2 데이터시트(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2853MH-1.2 Datasheet HTML 4Page - National Semiconductor (TI) LM2853MH-1.2 Datasheet HTML 5Page - National Semiconductor (TI) LM2853MH-1.2 Datasheet HTML 6Page - National Semiconductor (TI) LM2853MH-1.2 Datasheet HTML 7Page - National Semiconductor (TI) LM2853MH-1.2 Datasheet HTML 8Page - National Semiconductor (TI) LM2853MH-1.2 Datasheet HTML 9Page - National Semiconductor (TI) LM2853MH-1.2 Datasheet HTML 10Page - National Semiconductor (TI) LM2853MH-1.2 Datasheet HTML 11Page - National Semiconductor (TI) LM2853MH-1.2 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LM2853 Example Circuit Schematic (Continued)
Bill of Materials for 5V to 3.3V Conversion
ID
Part Number
Type
Size
Parameters
Qty
Vendor
U
1
LM2853MH-3.3
3A Buck
ETSSOP-14
3.3V
1
NSC
C
IN
GRM31CR60J476ME19
Capacitor
1206
47 µF
1
Murata
C
BYP
GRM21BR71C105KA01
Capacitor
0805
1 µF
1
Murata
C
SS
VJ0805Y222KXXA
Capacitor
0603
2.2 nF
1
Vishay-Vitramon
L
O
DO3316P-682
Inductor
DO3316P
6.8 µH
1
Coilcraft
C
O
594D127X06R3C2T
Capacitor
C Case
120µF
(85m
Ω)
1
Vishay-Sprague
Bill of Materials for 3.3V to 1.2V Conversion
ID
Part Number
Type
Size
Parameters
Qty
Vendor
U
1
LM2853MH-1.2
3A Buck
ETSSOP-14
1.2V
1
NSC
C
IN
GRM31CR60J476ME19
Capacitor
1206
47 µF
1
Murata
C
BYP
GRM21BR71C105KA01
Capacitor
0805
1 µF
1
Murata
CSS
VJ0805Y222KXXA
Capacitor
0603
2.2 nF
1
Vishay-Vitramon
L
O
DO3316P-472
Inductor
DO3316P
4.7 µH
1
Coilcraft
C
O
NOSD157M006R0070
Capacitor
D Case
150 µF
(70 m
Ω)
1AVX
www.national.com
11


유사한 부품 번호 - LM2853MH-1.2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2853MH-1.2/NOPB TI-LM2853MH-1.2/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
More results

유사한 설명 - LM2853MH-1.2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2853 TI1-LM2853_14 Datasheet
1Mb / 20P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 TI1-LM2852_16 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
logo
Texas Instruments
LM20323 TI1-LM20323_14 Datasheet
1Mb / 28P
[Old version datasheet]   36V, 3A 500 kHz Synchronous Buck Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM20323 NSC-LM20323 Datasheet
487Kb / 20P
   36V, 3A PowerWise짰 500 kHz Synchronous Buck Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Alpha & Omega Semicondu...
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
   EZBuck??3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com