전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM8P51E 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 FM8P51E
상세설명  EPROM/ROM-Based 8-Bit Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

FM8P51E 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FM8P51E Datasheet HTML 2Page - List of Unclassifed Manufacturers FM8P51E Datasheet HTML 3Page - List of Unclassifed Manufacturers FM8P51E Datasheet HTML 4Page - List of Unclassifed Manufacturers FM8P51E Datasheet HTML 5Page - List of Unclassifed Manufacturers FM8P51E Datasheet HTML 6Page - List of Unclassifed Manufacturers FM8P51E Datasheet HTML 7Page - List of Unclassifed Manufacturers FM8P51E Datasheet HTML 8Page - List of Unclassifed Manufacturers FM8P51E Datasheet HTML 9Page - List of Unclassifed Manufacturers FM8P51E Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
FM8P51
Rev1.2 Mar 15, 2005
P.6/FM8P51
FEELING
TECHNOLOGY
1.2 Data Memory Organization
Data memory is composed of Special Function Registers and General Purpose Registers.
The General Purpose Registers are accessed either directly or indirectly through the FSR register.
The Special Function Registers are registers used by the CPU and peripheral functions to control the
operation of the device.
In FM8P51 series, the data memory is partitioned into four banks. Switching between these banks requires the RP1
and RP0 bits in the FSR register to be configured for the desired bank.
TABLE 1.1: Registers File Map for FM8P51 Series
Description
FSR<7:6>
Address
0 0
Bank 0
0 1
Bank 1
1 0
Bank 2
1 1
Bank 3
00h
INDF
01h
TMR0
02h
PCL
N/A
OPTION
03h
STATUS
04h
FSR
05h
PORTA
05h
IOSTA
06h
PORTB
06h
IOSTB
07h
PORTC
07h
IOSTC
08h
PORTD
08h
IOSTD
09h
PORTE
Memory back to address in Bank 0
09h
IOSTE
0Ah
SPIRCB
T23CON
PWMCON
RFCCON
0Bh
SPITXB
TMR2
PW0DCL
RFCDL
0Ch
SPISTAT
PR2
PW0DCH
RFCDH
0Ch
T1CON
0Dh
SPICON
TMR3
PW1DCL
CMPDX
0Dh
PHCON
0Eh
TMR1
PR3
PW1DCH
CMPDY
0Eh
PCON
0Fh
PR1
CMPSTAT
0Fh
INTEN
10h
|
1Fh
General
Purpose
Registers
Memory back to address in Bank 0
20h
|
3Eh
General
Purpose
Registers
General
Purpose
Registers
General
Purpose
Registers
General
Purpose
Registers
3Fh
INTFLAG
Memory back to address in Bank 0
TABLE 1.2: The Registers Controlled by OPTION/OPTIONR or IOST/IOSTR Instructions
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
Unbanked
N/A (r/w)
OPTION
/PHBCE
GIE
PSA
PS2
PS1
PS0
05h (r/w)
IOSTA
Port A I/O Control Register
06h (r/w)
IOSTB
Port B I/O Control Register
07h (r/w)
IOSTC
Port C I/O Control Register
08h (r/w)
IOSTD
Port D I/O Control Register
09h (r/w)
IOSTE
Port E I/O Control Register
0Ch (r/w)
T1CON
T1ON
T1P1
T1P0
0Dh (r/w)
PHCON
HDC
/PHE
/PHD
/PHB
/PHA
0Eh (r/w)
PCON
LVDTE
ODE
WDTE
-
ROC
-
-
/WUE
0Fh (r/w)
INTEN
SPITXIE
RFCIE
T3IE
T2IE
T1IE
SPIRCIE
INTIE
T0IE
Legend: - = unimplemented, read as ‘0’, * = unimplemented, read as ‘1’.


유사한 부품 번호 - FM8P51E

제조업체부품명데이터시트상세설명
logo
Feeling Technology Corp...
FM8P51EF FEELING-FM8P51EF Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8P51EP FEELING-FM8P51EP Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
More results

유사한 설명 - FM8P51E

제조업체부품명데이터시트상세설명
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
TLC156 ETC1-TLC156 Datasheet
552Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
CP8056 ETC2-CP8056 Datasheet
403Kb / 46P
   EPROM/ROM-Based 8-Bit Microcontroller Series
CP80S54 ETC2-CP80S54 Datasheet
484Kb / 47P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P54 ETC2-FM8P54 Datasheet
591Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Feeling Technology Corp...
FM8PE56 FEELING-FM8PE56 Datasheet
295Kb / 44P
   EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com