전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S29PL129N65FAIW03 데이터시트(PDF) 53 Page - SPANSION

부품명 S29PL129N65FAIW03
상세설명  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL129N65FAIW03 데이터시트(HTML) 53 Page - SPANSION

Back Button S29PL129N65FAIW03 Datasheet HTML 49Page - SPANSION S29PL129N65FAIW03 Datasheet HTML 50Page - SPANSION S29PL129N65FAIW03 Datasheet HTML 51Page - SPANSION S29PL129N65FAIW03 Datasheet HTML 52Page - SPANSION S29PL129N65FAIW03 Datasheet HTML 53Page - SPANSION S29PL129N65FAIW03 Datasheet HTML 54Page - SPANSION S29PL129N65FAIW03 Datasheet HTML 55Page - SPANSION S29PL129N65FAIW03 Datasheet HTML 56Page - SPANSION S29PL129N65FAIW03 Datasheet HTML 57Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 85 page
background image
November 23, 2005 S29PL-N_00_A4
S29PL-N MirrorBit™ Flash Family
51
Preliminary
Notes
1.
No software command sequence unlocks this bit unless the device is in the password pro-
tection mode; only a hardware reset or a power-up clears this bit.
2.
The PPB Lock Bit must be set (programmed to 0) only after all PPBs are configured to the
desired settings.
8.5
Password Protection Method
The Password Protection Method allows an even higher level of security than the Persistent Sector
Protection Mode by requiring a 64-bit password for unlocking the device PPB Lock Bit. In addition
to this password requirement, after power up and reset, the PPB Lock Bit is set 0 to maintain the
password mode of operation. Successful execution of the Password Unlock command by entering
the entire password clears the PPB Lock Bit, allowing for sector PPBs modifications.
Notes
1.
There is no special addressing order required for programming the password. Once the
Password is written and verified, the Password Mode Locking Bit must be set to prevent ac-
cess.
2.
The Password Program Command is only capable of programming 0s. Programming a 1
after a cell is programmed as a 0 results in a time-out with the cell as a 0.
3.
The password is all 1s when shipped from the factory.
4.
All 64-bit password combinations are valid as a password.
5.
There is no means to verify what the password is after it is set.
6.
The Password Mode Lock Bit, once set, prevents reading the 64-bit password on the data
bus and further password programming.
7.
The Password Mode Lock Bit is not erasable.
8.
The lower two address bits (A1 – A0) are valid during the Password Read, Password Pro-
gram, and Password Unlock.
9.
The exact password must be entered in order for the unlocking function to occur.
10. The Password Unlock command cannot be issued any faster than 1 µs at a time to prevent
a hacker from running through all the 64-bit combinations in an attempt to correctly match
a password.
11. Approximately 1 µs is required for unlocking the device after the valid 64-bit password is
given to the device.
12. Password verification is only allowed during the password programming operation.
13. All further commands to the password region are disabled and all operations are ignored.
14. If the password is lost after setting the Password Mode Lock Bit, there is no way to clear the
PPB Lock Bit.
15. Entry command sequence must be issued prior to any of any operation and it disables reads
and writes for Bank A. Reads and writes for other banks excluding Bank A are allowed.
16. If the user attempts to program or erase a protected sector, the device ignores the com-
mand and returns to read mode.
17. A program or erase command to a protected sector enables status polling and returns to
read mode without having modified the contents of the protected sector.
18. The programming of the DYB, PPB, and PPB Lock for a given sector can be verified by writing
individual status read commands DYB Status, PPB Status, and PPB Lock Status to the
device.


유사한 부품 번호 - S29PL129N65FAIW03

제조업체부품명데이터시트상세설명
logo
SPANSION
S29PL129N65GAW000 SPANSION-S29PL129N65GAW000 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL129N65GAW002 SPANSION-S29PL129N65GAW002 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL129N65GAW003 SPANSION-S29PL129N65GAW003 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL129N65GAWW00 SPANSION-S29PL129N65GAWW00 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL129N65GAWW02 SPANSION-S29PL129N65GAWW02 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
More results

유사한 설명 - S29PL129N65FAIW03

제조업체부품명데이터시트상세설명
logo
SPANSION
S29PL-N SPANSION-S29PL-N_07 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191BHHA SPANSION-AM75PDL191BHHA Datasheet
1Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHH_0402 SPANSION-AM75PDL191CHH_0402 Datasheet
2Mb / 136P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29DL642G AMD-AM29DL642G Datasheet
828Kb / 54P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memo
AM29PDL129H AMD-AM29PDL129H Datasheet
841Kb / 49P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
AM29PDL127H AMD-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
logo
SPANSION
AM29PDLI27H SPANSION-AM29PDLI27H Datasheet
750Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL127H SPANSION-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com