전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA04-41SRWA 데이터시트(PDF) 3 Page - Kingbright Corporation

부품명 CA04-41SRWA
상세설명  10.16MM(0.4INCH) FOUR DIGIT NUMERIC DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KINGBRIGHT [Kingbright Corporation]
홈페이지  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

CA04-41SRWA 데이터시트(HTML) 3 Page - Kingbright Corporation

  CA04-41SRWA Datasheet HTML 1Page - Kingbright Corporation CA04-41SRWA Datasheet HTML 2Page - Kingbright Corporation CA04-41SRWA Datasheet HTML 3Page - Kingbright Corporation CA04-41SRWA Datasheet HTML 4Page - Kingbright Corporation CA04-41SRWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: KDA0342
REV NO: V.1
DATE: SEP/14/2001
PAGE: 3 OF 5
APPROVED:J.LU
CHECKED:
DRAWN:X.Q.ZHENG
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
Absolute Maximum Ratings at T)=25°°°°°C
High Efficiency Red
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
y
c
n
e
i
c
if
f
E
h
g
i
Hy
c
n
e
i
c
if
f
E
h
g
i
H
y
c
n
e
i
c
if
f
E
h
g
i
H
y
c
n
e
i
c
if
f
E
h
g
i
Hy
c
n
e
i
c
if
f
E
h
g
i
H
d
e
R
n
e
e
r
Gn
e
e
r
G
n
e
e
r
G
n
e
e
r
Gn
e
e
r
Gw
o
ll
e
Yw
o
ll
e
Y
w
o
ll
e
Y
w
o
ll
e
Yw
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
St
h
g
ir
B
r
e
p
u
S
t
h
g
ir
B
r
e
p
u
S
t
h
g
ir
B
r
e
p
u
St
h
g
ir
B
r
e
p
u
S
d
e
R
s
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P5
0
15
0
15
0
10
0
1W
m
t
n
e
rr
u
C
d
r
a
w
r
o
F
C
D0
35
20
30
3A
m
]
1
[
t
n
e
rr
u
C
d
r
a
w
r
o
F
k
a
e
P0
6
10
4
10
4
15
5
1A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R
5555
V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
r
e
d
l
o
S
d
a
e
L
0
6
2 °
s
d
n
o
c
e
S
5
r
o
F
C


유사한 부품 번호 - CA04-41SRWA

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
CA04-41SRWA KINGBRIGHT-CA04-41SRWA Datasheet
134Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
More results

유사한 설명 - CA04-41SRWA

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
CC04-41SRWA KINGBRIGHT-CC04-41SRWA_06 Datasheet
142Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
CC04-41EWA KINGBRIGHT-CC04-41EWA_06 Datasheet
128Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
CC04-41GWA KINGBRIGHT-CC04-41GWA Datasheet
130Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
CC04-41YWA KINGBRIGHT-CC04-41YWA Datasheet
130Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
CA04-41EWA KINGBRIGHT-CA04-41EWA_06 Datasheet
119Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
CA04-41SRWA KINGBRIGHT-CA04-41SRWA Datasheet
134Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
CA04-41YWA KINGBRIGHT-CA04-41YWA Datasheet
122Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
CC04-41SRWA KINGBRIGHT-CC04-41SRWA Datasheet
110Kb / 3P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
SA04-11EWA KINGBRIGHT-SA04-11EWA_07 Datasheet
185Kb / 4P
   10.16mm (0.4INCH) SINGLE DIGIT NUMERIC
SA04-11SRWA KINGBRIGHT-SA04-11SRWA Datasheet
182Kb / 4P
   10.16mm (0.4INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com