전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S29PL129N65FAW003 데이터시트(PDF) 61 Page - SPANSION

부품명 S29PL129N65FAW003
상세설명  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL129N65FAW003 데이터시트(HTML) 61 Page - SPANSION

Back Button S29PL129N65FAW003 Datasheet HTML 57Page - SPANSION S29PL129N65FAW003 Datasheet HTML 58Page - SPANSION S29PL129N65FAW003 Datasheet HTML 59Page - SPANSION S29PL129N65FAW003 Datasheet HTML 60Page - SPANSION S29PL129N65FAW003 Datasheet HTML 61Page - SPANSION S29PL129N65FAW003 Datasheet HTML 62Page - SPANSION S29PL129N65FAW003 Datasheet HTML 63Page - SPANSION S29PL129N65FAW003 Datasheet HTML 64Page - SPANSION S29PL129N65FAW003 Datasheet HTML 65Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 85 page
background image
November 23, 2005 S29PL-N_00_A4
S29PL-N MirrorBit™ Flash Family
59
Preliminary
11 Electrical Specifications
11.1
Absolute Maximum Ratings
Storage Temperature
Plastic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Ambient Temperature
with Power Applied . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –65°C to +125°C
Voltage with Respect to Ground:
All Inputs and I/Os except as noted below (Note 1). . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to VIO + 0.5 V
VCC (Note 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .–0.5 V to +4.0 V
VIO (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +4.0V
ACC (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +10.5 V
Output Short Circuit Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200 mA
Notes:
1. Minimum DC voltage on input or I/Os is –0.5 V. During voltage transitions, inputs or I/Os may undershoot VSS to –2.0 V
for periods of up to 20 ns. See Figure 11.1. Maximum DC voltage on input or I/Os is VCC + 0.5 V. During voltage
transitions outputs may overshoot to VCC + 2.0 V for periods up to 20 ns. See Figure 11.2.
2. Minimum DC input voltage on pin WP#
⁄ACC is –0.5 V. During voltage transitions, WP#⁄ACC may overshoot VSS to 2.0 V
for periods of up to 20 ns. See Figure 11.1. Maximum DC voltage on pin WP#
⁄ACC is +9.5 V, which may overshoot to
10.5 V for periods up to 20 ns.
3. No more than one output may be shorted to ground at a time. Duration of the short circuit should not be greater than
one second.
4. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or any other conditions above those indicated in the
operational sections of this data sheet is not implied. Exposure of the device to absolute maximum rating conditions for
extended periods may affect device reliability.
Figure 11.1 Maximum Negative Overshoot Waveform
Figure 11.2 Maximum Positive Overshoot Waveform
20 ns
20 ns
+0.8 V
–0.5 V
20 ns
–2.0 V
20 ns
20 ns
VCC
+2.0 V
VCC
+0.5 V
20 ns
2.0 V


유사한 부품 번호 - S29PL129N65FAW003

제조업체부품명데이터시트상세설명
logo
SPANSION
S29PL129N65GAW000 SPANSION-S29PL129N65GAW000 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL129N65GAW002 SPANSION-S29PL129N65GAW002 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL129N65GAW003 SPANSION-S29PL129N65GAW003 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL129N65GAWW00 SPANSION-S29PL129N65GAWW00 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL129N65GAWW02 SPANSION-S29PL129N65GAWW02 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
More results

유사한 설명 - S29PL129N65FAW003

제조업체부품명데이터시트상세설명
logo
SPANSION
S29PL-N SPANSION-S29PL-N_07 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191BHHA SPANSION-AM75PDL191BHHA Datasheet
1Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHH_0402 SPANSION-AM75PDL191CHH_0402 Datasheet
2Mb / 136P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29DL642G AMD-AM29DL642G Datasheet
828Kb / 54P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memo
AM29PDL129H AMD-AM29PDL129H Datasheet
841Kb / 49P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
AM29PDL127H AMD-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
logo
SPANSION
AM29PDLI27H SPANSION-AM29PDLI27H Datasheet
750Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL127H SPANSION-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com