전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

OMR9807SC 데이터시트(HTML) 2 Page - International Rectifier

부품명 OMR9807SC
상세내용  200 Krad(Si) Ultra Low Dropout Linear Regulator Hermetic Package
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo 

OMR9807SC 데이터시트(HTML) 2 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
/ 5 page
 2 / 5 page
background image
2
www.irf.com
OMR9807SC, OMR9807SF
Electrical Characteristics @ TA= 25°C (Unless Otherwise Specified)
Electrical Characteristics TA= -55 to +125°C
Shutdown
Vin
Vout
Ground
Drive
Gnd
Simplified Schematic
Parameter
Conditions
Symbol
Min.
Typ.
Max
Unit
Output Voltage
Vin = 5.0V, Io = 3.0A
Vout
2.475
2.5
2.525
V
Input Voltage Range-
Io= 3.0A
4.5
6.5
V
Line Regulation
4.75 ≤ Vin ≤ 5.25, Io= 3.0A
-100
+100
mV
4.5 ≤ Vin ≤ 5.5, Io= 50mA
-5
+5
mV
Vin= 5.0V
10ma ≤ Iout ≤ 3.0A
Dropout Voltage
Vdrop
0.4
V
Current Limit
Vin= 5.0V, Overcurrent
Latchup
Ilatch
3.0
A
Ripple Rejection
F= 120 Hz., Vout= Vref
65
dB
Shutdown source current
Vshdn= 5V
Ishdn
200
uA
Shutdown Pin Threshold
Isource= 200uA
Vshdn
1.0
1.6
V
Vin= 5.0oV, Io= 50mA,
Shdn= +5.0V
Vline
Load Regulation
Vload
-20
+20
mV
Output Voltage at Shutdown
Vout
(shdn)
-0.1
+0.1
V
Parameter
Conditions
Symbol
Min.
Typ.
Max
Unit
Output Voltage
Vin = 5.0V, Io = 3.0A
Vout
2.375
2.5
2.625
V
Input Voltage Range-
Operating
Io= 3.0A
4.5
6.5
V
Line Regulation
4.75 ≤ Vin ≤ 5.25, Io= 3.0A
-150
+150
mV
4.5≤ Vin ≤ 5.5, Io= 50mA
-150
+150
mV
Vin= 5.0V
10ma ≤ Iout ≤ 3.0A
Dropout Voltage
Vdrop
0.4
V
Current Limit
Vin= 5.0V, Overcurrent
Latchup
Ilatch
3.0
A
Ripple Rejection
F= 120 Hz., Vout= Vref
65
dB
Shutdown source current
Vshdn= 5V
Ishdn
200
uA
Shutdown Pin Threshold
Isource= 200uA
Vshdn
1.0
1.6
V
Vin= 5.0oV, Io= 50mA,
Shdn= +5.0V
Vline
Load Regulation
Vload
-150
+150
mV
Output Voltage at Shutdown
Vout
(shdn)
-0.1
+0.1
V


Html Pages

1  2  3  4  5 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn