전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

IRG4PC60F-PPBF 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRG4PC60F-PPBF
부품 상세설명  INSULATED GATE BIPOLAR TRANSISTOR (Fast Speed IGBT)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC60F-PPBF 데이터시트(HTML) 5 Page - International Rectifier

  IRG4PC60F-PPBF Datasheet HTML 1Page - International Rectifier IRG4PC60F-PPBF Datasheet HTML 2Page - International Rectifier IRG4PC60F-PPBF Datasheet HTML 3Page - International Rectifier IRG4PC60F-PPBF Datasheet HTML 4Page - International Rectifier IRG4PC60F-PPBF Datasheet HTML 5Page - International Rectifier IRG4PC60F-PPBF Datasheet HTML 6Page - International Rectifier IRG4PC60F-PPBF Datasheet HTML 7Page - International Rectifier IRG4PC60F-PPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRG4PC60F-PPbF
www.irf.com
5
Fig. 10 - Typical Switching Losses vs.
Junction Temperature
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 8 - Typical Gate Charge vs.
Gate-to-EmitterVoltage
Fig. 7 - Typical Capacitance vs.
Collector-to-EmitterVoltage
0
50
100
150
200
250
300
0
5
10
15
20
Q , Total Gate Charge (nC)
G
V
= 400V
I
= 40A
CC
C
0
10
20
30
40
50
RG, Gate Resistance (Ω)
4.00
5.00
6.00
7.00
8.00
VCC= 480V
VGE = 15V
TJ = 25°C
I C= 60A
-60 -40 -20
0
20
40
60
80 100 120 140 160
TJ, Junction Temperature (°C)
1
10
100
RG = 5.0Ω
VGE = 15V
VCC= 480V
IC= 120A
IC = 60A
IC = 30A
0
100
200
300
400
500
VCE (V)
10
100
1000
10000
100000
Cies
Coes
Cres
VGE = 0V,
f = 1 MHZ
Cies = Cge + Cgc, Cce SHORTED
Cres = Cce
Coes = Cce+ Cgc


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 다운로드

Go To PDF Page

관련 부품명

부품명부품 상세설명Html View제조업체
AD7323 500 kSPS 4-Channel Software-Selectable True Bipolar Input 12-Bit Plus Sign ADC 1  2  3  4  5  More Analog Devices
MUR30120PT Ultra Fast Recovery Diodes 1  2  3  List of Unclassifed Manufacturers
PI49FCT805T Fast CMOS Buffer/Clock Driver 1  2  3  4  5  More Pericom Semiconductor Corporation
OR2 2-input OR gate with 1x drive strength 1  ams AG
MS5F5617 IGBT module 1  2  3  4  5  More Fuji Electric
MS5F6015 IGBT MODULE 1  2  3  4  5  More Fuji Electric
MS5F6058 IGBT MODULE 1  2  3  4  5  More Fuji Electric
ADA4862-3 High Speed G = +2 Low Cost Triple Op Amp 1  2  3  4  5  More Analog Devices
XRD64L15 3.3V CMOS 10-Bit 20MSPS High Speed Analog-to-Digital Converter 1  2  3  4  5  More Exar Corporation
P75N02LD N-Channel Logic Level Enhancement Mode Field Effect Transistor 1  2  3  List of Unclassifed Manufacturers

링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn