전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IC62LV12816DL 데이터시트(PDF) 8 Page - Integrated Circuit Solution Inc

부품명 IC62LV12816DL
상세설명  128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ICSI [Integrated Circuit Solution Inc]
홈페이지  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV12816DL 데이터시트(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button IC62LV12816DL Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV12816DL Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV12816DL Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV12816DL Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV12816DL Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV12816DL Datasheet HTML 9Page - Integrated Circuit Solution Inc IC62LV12816DL Datasheet HTML 10Page - Integrated Circuit Solution Inc IC62LV12816DL Datasheet HTML 11Page - Integrated Circuit Solution Inc IC62LV12816DL Datasheet HTML 12Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Integrated Circuit Solution Inc.
LPSR025-0A 6/7/2002
IC62LV12816DL
IC62LV12816DLL
WRITE CYCLE SWITCHING CHARACTERISTICS(1,2) (Over Operating Range)
-55
-70
-100
Symbol Parameter
Min.
Max.
Min.
Max.
Min.
Max
Unit
tWC
Write Cycle Time
55
70
100
ns
tSCE
CE1 Low and CE2 HIGH to Write End
50
65
80
ns
tAW
Address Setup Time to Write End
50
65
80
ns
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Setup Time
0
0
0
ns
tPWB
LB, UB Valid to End of Write
45
60
80
ns
tPWE
WE Pulse Width
45
40
80
ns
tSD
Data Setup to Write End
25
30
40
ns
tHD
Data Hold from Write End
0
0
0
ns
tHZWE(3) WE LOW to High-Z Output
30
30
40
ns
tLZWE(3) WE HIGH to Low-Z Output
5
5
5
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.3V, input pulse levels of 0.4V to 2.2V
and output loading specified in Figure 1.
2. The internal write time is defined by the overlap of CE1 LOW, and
UB or LB, WE LOW, and CE2 HIGH. All signals must be in
valid states to initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are
referenced to the rising or falling edge of the signal that terminates the Write.
3. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
DATA UNDEFINED
t WC
VALID ADDRESS
t SCE
t PWE
t AW
t HA
HIGH-Z
t PBW
t HD
t SA
t HZWE
ADDRESS
CE1
UB, LB
WE
DOUT
DIN
CE2
DATAIN VALID
t LZWE
t SD
AC WAVEFORMS
WRITE CYCLE NO. 1(1,2) (CE1 or CE2, Controlled, OE = HIGH or LOW)
Notes:
1. WRITE is an internally generated signal asserted during an overlap of the
WE, CE1 = VIL, CE2 = VIH and at least one of the LB
and
UB inputs being in the LOW state.


유사한 부품 번호 - IC62LV12816DL

제조업체부품명데이터시트상세설명
logo
Integrated Circuit Solu...
IC62LV12816L ICSI-IC62LV12816L Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IC62LV12816L-100B ICSI-IC62LV12816L-100B Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IC62LV12816L-100BI ICSI-IC62LV12816L-100BI Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IC62LV12816L-100T ICSI-IC62LV12816L-100T Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IC62LV12816L-100TI ICSI-IC62LV12816L-100TI Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results

유사한 설명 - IC62LV12816DL

제조업체부품명데이터시트상세설명
logo
Integrated Circuit Solu...
IC62LV51216L ICSI-IC62LV51216L Datasheet
144Kb / 12P
   512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Cypress Semiconductor
CY62136ESL_1106 CYPRESS-CY62136ESL_1106 Datasheet
485Kb / 15P
   2-Mbit (128 K x 16) Static RAM Ultra low standby power
logo
Integrated Circuit Solu...
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62U6416LL ISSI-IS62U6416LL Datasheet
82Kb / 9P
   64K x 16 LOW VOLTAGE, ULTRA-LOW POWER CMOS STATIC RAM
IS62WV6416ALL ISSI-IS62WV6416ALL Datasheet
111Kb / 17P
   64K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816ALL ISSI-IS62WV12816ALL Datasheet
112Kb / 17P
   128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com