전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADA4922-1 데이터시트(PDF) 15 Page - Analog Devices

부품명 ADA4922-1
상세설명  High Voltage, Differential 18-Bit ADC Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADA4922-1 데이터시트(HTML) 15 Page - Analog Devices

Back Button ADA4922-1 Datasheet HTML 11Page - Analog Devices ADA4922-1 Datasheet HTML 12Page - Analog Devices ADA4922-1 Datasheet HTML 13Page - Analog Devices ADA4922-1 Datasheet HTML 14Page - Analog Devices ADA4922-1 Datasheet HTML 15Page - Analog Devices ADA4922-1 Datasheet HTML 16Page - Analog Devices ADA4922-1 Datasheet HTML 17Page - Analog Devices ADA4922-1 Datasheet HTML 18Page - Analog Devices ADA4922-1 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADA4922-1
Rev. 0 | Page 15 of 20
A more detailed view of the amplifier is shown in Figure 45.
Each amplifier is a 2-stage design that uses an input H-Bridge
followed by a rail-to-rail output stage (see Figure 46).
The architecture used in the ADA4922-1 results in excellent
SNR and distortion performance when compared to other
differential amplifiers.
RIN
MIRROR
C
OUTPUT
STAGE
MIRROR
INN
OUT
INP
I
I
I
I
One of the more subtle points of operation arises when the two
amplifiers are used to generate the differential outputs. Because
the differential outputs are derived from a follower amplifier
and an inverting amplifier, they have different noise gains and,
therefore, different closed-loop bandwidths. For frequencies up
to 1 MHz, the bandwidth difference between outputs causes
little difference in the overall differential output performance.
However, because the bandwidth is the sum of both amplifiers,
the 3 dB point of the inverting amplifier defines the overall
differential 3 dB corner (see Figure 48).
0
1
10k
100M
FREQUENCY (Hz)
–2
–4
–6
7
5
3
1M
100k
10M
DIFFERENTIAL OUTPUT
OUT+
OUT–
Figure 45. Internal Amplifier Architecture
ROUT
MIRROR
MIRROR
INTERNAL
REF
OUT
IN
I
I
I
I
Figure 46. Output Stage Architecture
Figure 48. Closed-Loop AC Gain (Differential Outputs)
Figure 47 illustrates the open-loop gain and phase relationships
of each amplifier in the ADA4922-1.
Small delay and gain errors exist between the two outputs
because the inverting output is derived from the noninverting
output through an inverting amplifier. The gain error is due to
imperfect matching of the inverting amplifier gain and feedback
resistors, as well as differences in the transfer functions of the
two amplifiers, as illustrated in Figure 48. The delay error is due
to the delay through the inverting amplifier relative to the
noninverting amplifier output. The delay produces a reduction
in differential gain because the two outputs are not exactly 180°
out of phase. Both of these errors combine to produce an overall
gain error because the outputs are completely balanced. This
error is very small at the frequencies involved in most
ADA4922-1 applications.
125
–125
–100
–75
–50
–25
100
1k
10k
100M
FREQUENCY (Hz)
75
100
50
25
0
1M
100k
10M
GAIN
PHASE
Figure 47. Amplifier Gain/Phase Relationship


유사한 부품 번호 - ADA4922-1

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADA4922-1 AD-ADA4922-1 Datasheet
868Kb / 32P
   14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
ADA4922-1ACP-EBZ AD-ADA4922-1ACP-EBZ Datasheet
513Kb / 20P
   High Voltage, Differential 18-Bit ADC Driver
ADA4922-1ACPZ-R2 AD-ADA4922-1ACPZ-R2 Datasheet
513Kb / 20P
   High Voltage, Differential 18-Bit ADC Driver
ADA4922-1ACPZ-RL7 AD-ADA4922-1ACPZ-RL7 Datasheet
513Kb / 20P
   High Voltage, Differential 18-Bit ADC Driver
ADA4922-1ARDZ AD-ADA4922-1ARDZ Datasheet
513Kb / 20P
   High Voltage, Differential 18-Bit ADC Driver
More results

유사한 설명 - ADA4922-1

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADA4922-1 AD-ADA4922-1_16 Datasheet
513Kb / 20P
   High Voltage, Differential 18-Bit ADC Driver
ADA4922-1 AD-ADA4922-1_15 Datasheet
425Kb / 20P
   High Voltage, Differential 18-Bit ADC Driver
REV. 0
ADA4941-1YRZ AD-ADA4941-1YRZ Datasheet
500Kb / 24P
   Single-Supply, Differential 18-Bit ADC Driver
REV. C
ADA4941-1 AD-ADA4941-1_15 Datasheet
696Kb / 25P
   Single-Supply, Differential 18-Bit ADC Driver
REV. C
ADA4941-1 AD-ADA4941-1_16 Datasheet
844Kb / 24P
   Single-Supply, Differential, 18-Bit ADC Driver
AD7960 AD-AD7960 Datasheet
814Kb / 24P
   18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD4003 AD-AD4003 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
logo
Texas Instruments
ADS9218 TI1-ADS9218 Datasheet
2Mb / 57P
[Old version datasheet]   ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
logo
Analog Devices
LTC6409 AD-LTC6409 Datasheet
432Kb / 24P
   Differential Amplifier/ADC Driver
AD7631 AD-AD7631_17 Datasheet
664Kb / 33P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com