전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS51023AEDR16G 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 CS51023AEDR16G
상세설명  Enhanced Current Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51023AEDR16G 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button CS51023AEDR16G Datasheet HTML 3Page - ON Semiconductor CS51023AEDR16G Datasheet HTML 4Page - ON Semiconductor CS51023AEDR16G Datasheet HTML 5Page - ON Semiconductor CS51023AEDR16G Datasheet HTML 6Page - ON Semiconductor CS51023AEDR16G Datasheet HTML 7Page - ON Semiconductor CS51023AEDR16G Datasheet HTML 8Page - ON Semiconductor CS51023AEDR16G Datasheet HTML 9Page - ON Semiconductor CS51023AEDR16G Datasheet HTML 10Page - ON Semiconductor CS51023AEDR16G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CS51021A, CS51022A, CS51023A, CS51024A
http://onsemi.com
9
Synchronization
A bi−directional synchronization is provided to synchronize
several controllers. When SYNC pins are connected together,
the converters will lock to the highest switching frequency. The
fastest controller becomes the master, producing a 4.3 V, 200
ns pulse train. Only one, the highest frequency SYNC signal,
will appear on the SYNC line.
Sleep
The sleep input is an active high input. The CS51022A/4A
is placed in sleep mode when SLEEP is driven high. In sleep
mode, the controller and MOSFET are turned off. Connect
to GND for normal operation. The sleep mode operates at
VCC
≤ 15 V.
Oscillator and Duty Cycle Limit
The switching frequency is set by RT and CT connected to
the RTCT pin. CT charges and discharges between 3.0 V and
1.5 V.
The maximum duty cycle is set by the ratio of the on time,
tON, and the whole period, T = tON + tOFF. Because the timing
capacitor’s discharge current is trimmed, the maximum duty
cycle is well defined. It is determined by the ratio between the
timing resistor RT and the timing capacitor CT. Refer to figures
6 and 7 to select appropriate values for RT and CT.
fSW +
1
TSW
;TSW + tCH ) tDIS
5
2500
RT (kW)
2000
1500
1000
500
0
100
90
80
70
60
50
40
10
15
20
25
30
35
40
45
50
5
10
15
20
25
30
35
40
45
50
55
RT (kW)
1
2
3
4
5
6
8
7
2
1
3
4
8
7
5
6
1. CT = 47 pF
2. CT = 100 pF
3. CT = 150 pF
4. CT = 220 pF
5. CT = 390 pF
6. CT = 470 pF
7. CT = 560 pF
8. CT = 680 pF
1. CT = 47 pF
2. CT = 100 pF
3. CT = 150 pF
4. CT = 220 pF
5. CT = 390 pF
6. CT = 470 pF
7. CT = 560 pF
8. CT = 680 pF
Figure 6. Frequency vs. RT for Discrete
Capacitor Values
Figure 7. Duty Cycle vs. RT for Discrete
Capacitor Values
ORDERING INFORMATION
Device
Package
Shipping
CS51021AED16
SOIC−16
48 Units / Rail
CS51021AEDR16
2500 Tape & Reel
CS51021AEDR16G
SOIC−16
(Pb−Free)
CS51022ADBG
TSSOP−16*
48 Units / Rail
CS51022ADBR2G
TSSOP−16*
2500 Tape & Reel
CS51022AED16
SOIC−16
48 Units / Rail
CS51022AEDR16
2500 Tape & Reel
CS51022AEDR16G
SOIC−16
(Pb−Free)
CS51023AED16
SOIC−16
48 Units / Rail
CS51023AEDR16
2500 Tape & Reel
CS51023AEDR16G
SOIC−16
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


유사한 부품 번호 - CS51023AEDR16G

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS51023 CHERRY-CS51023 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
CS51023ED16 CHERRY-CS51023ED16 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
CS51023EDR16 CHERRY-CS51023EDR16 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
More results

유사한 설명 - CS51023AEDR16G

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
   Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com