전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

M160UFGHT 데이터시트(PDF) 2 Page - Voltage Multipliers Inc.

부품명 M160UFGHT
부품 상세설명  High Voltage Rectifier - Axial Lead
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VMI [Voltage Multipliers Inc.]
홈페이지  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

M160UFGHT 데이터시트(HTML) 2 Page - Voltage Multipliers Inc.

  M160UFGHT Datasheet HTML 1Page - Voltage Multipliers Inc. M160UFGHT Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
www.voltagemultipliers.com
www.highvoltagepowersupplies.com
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
TEL.
559-651-1402
FAX
559-651-0740
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
0.1
1.0
10.0
100.0
25
50
75
100
125
150
175
200
Temperature (C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
25
50
75
100
125
150
175
Lead Temperature (C)
0
25
50
75
100
125
150
175
200
225
25
50
75
100
125
150
Temperature (C)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
020
40
60
80
100
Reverse Bias Voltage (V)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
0.0
0.1
0.2
0.3
0.4
0.5
Forw ard Current (A)
POWER DERATING
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
TYPICAL JUNCTION CAPACITANCE
VS. REVERSE VOLTAGE AT 25°C
TYPICAL REVERSE RECOVERY TIME
VS. TEMPERATURE
M160UFGHT
Temperature (°C)
Forward Current (A)
Temperature (°C)
Lead Temperature (°C)
L=0.000"
L=0.100"
L=0.200"
L=0.300"
L=0.400"
L=0.500"


Html Pages

1  2 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn