전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M160UFGHT 데이터시트(PDF) 1 Page - Voltage Multipliers Inc.

부품명 M160UFGHT
상세설명  High Voltage Rectifier - Axial Lead
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VMI [Voltage Multipliers Inc.]
홈페이지  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

M160UFGHT 데이터시트(HTML) 1 Page - Voltage Multipliers Inc.

  M160UFGHT Datasheet HTML 1Page - Voltage Multipliers Inc. M160UFGHT Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
www.voltagemultipliers.com
www.highvoltagepowersupplies.com
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
TEL.
559-651-1402
FAX
559-651-0740
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
r
e
b
m
u
N
t
r
a
Pg
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
tl
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
if
it
c
e
R
t
n
e
r
r
u
C
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
tl
o
V
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
fI
(
e
v
it
it
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
fI
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
3
(
)
r
r
T
(
l
a
m
r
e
h
T
e
c
n
a
d
e
p
m
I
θ L-
J
n
o
it
c
n
u
J
.
p
a
C
C
D
V
0
5
@
Z
H
k
1
@
)j
C
(
m
w
r
VV
k
2
1
)
1
(
C
°
5
5)
2
(
C
°
0
0
1C
°
5
2C
°
5
7
1C
°
5
2C
°
5
2C
°
5
2C
°
5
20
0
0
.
=
L5
2
1
.
=
L0
5
2
.
=
LC
°
5
2
s
tl
o
VA
mA
mA
µA
µs
tl
o
VA
ms
p
m
As
p
m
As
nW
/
C
°W
/
C
°W
/
C
°F
p
T
H
G
F
U
0
6
1
M0
0
0
6
10
15
1
.
00
.
0
15
30
10
.
12
.
00
0
13
35
45
65
.
0
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Markings:
B M160UF
A GHT
N
D
(1)TL=55°C L=0.375" (2)TL=100°C L=0.375" (3)If=12.5mA, Ir=25mA, Irr=6.3mA *Op.Temp.= -65°C to +175°C Stg.Temp.= -65°C to +200°C
High Voltage Rectifier - Axial Lead
0.10mA • 100ns


유사한 부품 번호 - M160UFGHT

제조업체부품명데이터시트상세설명
logo
Voltage Multipliers Inc...
M160UFGHT VMI-M160UFGHT Datasheet
90Kb / 2P
   High Voltage High Temp Diode - Axial Lead 10mA ??100ns
M160UFGHT VMI-M160UFGHT_13 Datasheet
90Kb / 2P
   High Voltage High Temp Diode - Axial Lead 10mA ??100ns
More results

유사한 설명 - M160UFGHT

제조업체부품명데이터시트상세설명
logo
GETAI ELECTRONICS DEVIC...
2CL60KV0.1A GETEDZ-2CL60KV0.1A Datasheet
202Kb / 1P
   HIGH VOLTAGE AXIAL LEAD FLAT PACK RECTIFIER
logo
Illinois Capacitor, Inc...
TTA ILLINOISCAPACITOR-TTA Datasheet
291Kb / 3P
   Axial lead - High voltage
105TTA050M ILLINOISCAPACITOR-105TTA050M Datasheet
318Kb / 3P
   Axial Lead - High Voltage
logo
ON Semiconductor
MBR3060 ONSEMI-MBR3060 Datasheet
154Kb / 5P
   Axial Lead Rectifier
September, 2006 ??Rev. 1
80SQ045N ONSEMI-80SQ045N Datasheet
61Kb / 4P
   Axial Lead Rectifier
May, 2006 ??Rev. 3
MBR1100 ONSEMI-MBR1100_06 Datasheet
59Kb / 4P
   Axial Lead Rectifier
June, 2006 ??Rev. 6
MBR340 ONSEMI-MBR340_06 Datasheet
60Kb / 4P
   Axial Lead Rectifier
June, 2006 ??Rev. 7
MBR3100 ONSEMI-MBR3100_06 Datasheet
58Kb / 4P
   Axial Lead Rectifier
June, 2006 ??Rev. 6
MBR1100 ONSEMI-MBR1100_16 Datasheet
67Kb / 4P
   Axial Lead Rectifier
February, 2016 ??Rev. 7
logo
List of Unclassifed Man...
CLA60 ETC1-CLA60 Datasheet
75Kb / 2P
   High Voltage AXIAL LEAD ISOLATORS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com