전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX1720 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MAX1720
상세설명  Switched Capacitor Voltage Inverter with Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAX1720 데이터시트(HTML) 2 Page - ON Semiconductor

  MAX1720 Datasheet HTML 1Page - ON Semiconductor MAX1720 Datasheet HTML 2Page - ON Semiconductor MAX1720 Datasheet HTML 3Page - ON Semiconductor MAX1720 Datasheet HTML 4Page - ON Semiconductor MAX1720 Datasheet HTML 5Page - ON Semiconductor MAX1720 Datasheet HTML 6Page - ON Semiconductor MAX1720 Datasheet HTML 7Page - ON Semiconductor MAX1720 Datasheet HTML 8Page - ON Semiconductor MAX1720 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MAX1720
http://onsemi.com
2
MAXIMUM RATINGS*
Rating
Symbol
Value
Unit
Input Voltage Range (Vin to GND)
Vin
−0.3 to 6.0
V
Output Voltage Range (Vout to GND)
Vout
−6.0 to 0.3
V
Output Current (Note 1)
Iout
100
mA
Output Short Circuit Duration (Vout to GND, Note 1)
tSC
Indefinite
sec
Operating Junction Temperature
TJ
150
°C
Power Dissipation and Thermal Characteristics
Thermal Resistance, Junction−to−Air
Maximum Power Dissipation @ TA = 70°C
RqJA
PD
256
313
°C/W
mW
Storage Temperature
Tstg
−55 to 150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
*ESD Ratings
ESD Machine Model Protection up to 200 V, Class B
ESD Human Body Model Protection up to 2000 V, Class 2
ELECTRICAL CHARACTERISTICS (Vin = 5.0 V, C1 = 10 mF, C2 = 10 mF, TA = −40°C to 85°C, typical values shown are for TA = 25°C
unless otherwise noted. See Figure 14 for Test Setup.)
Characteristic
Symbol
Min
Typ
Max
Unit
Operating Supply Voltage Range (SHDN = Vin, RL = 10 k)
Vin
1.5 to 5.5
1.15 to 6.0
V
Supply Current Device Operating (SHDN = 5.0 V, RL = R)
TA = 25°C
TA = 85°C
Iin
67
72
90
100
mA
Supply Current Device Shutdown (SHDN = 0 V)
TA = 25°C
TA = 85°C
ISHDN
0.4
1.6
mA
Oscillator Frequency
TA = 25°C
TA = −40°C to 85°C
fOSC
8.4
6.0
12
15.6
21
kHz
Output Resistance (Iout = 25 mA, Note 2)
Rout
26
50
W
Voltage Conversion Efficiency (RL = R)
VEFF
99
99.9
%
Power Conversion Efficiency (RL = 1.0 k)
PEFF
96
%
Shutdown Input Threshold Voltage (Vin = 1.5 V to 5.5 V)
High State, Device Operating
Low State, Device Shutdown
Vth(SHDN)
0.6 Vin
0.5 Vin
V
Shutdown Input Bias Current
High State, Device Operating, SHDN = 5.0 V
TA = 2
TA = 85°C5°C
Low State, Device Shutdown, SHDN = 0 V
TA = 25°C
TA = 85°C
IIH
IIL
5.0
100
5.0
100
pA
Wake−Up Time from Shutdown (RL = 1.0 k)
tWKUP
1.2
ms
1. Maximum Package power dissipation limits must be observed to ensure that the maximum junction temperature is not exceeded.
TJ + TA ) (PD R
qJA)
2. Capacitors C1 and C2 contribution is approximately 20% of the total output resistance.


유사한 부품 번호 - MAX1720

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MAX1720 ONSEMI-MAX1720 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Maxim Integrated Produc...
MAX17201 MAXIM-MAX17201 Datasheet
4Mb / 115P
   Stand-Alone ModelGauge m5 Fuel Gauge
Rev 2; 8/16
MAX17201 MAXIM-MAX17201 Datasheet
2Mb / 24P
   Battery charger or power supply
Rev 1; 4/16
MAX17201G MAXIM-MAX17201G Datasheet
2Mb / 24P
   Battery charger or power supply
Rev 1; 4/16
MAX17201GEVKIT MAXIM-MAX17201GEVKIT Datasheet
2Mb / 24P
   Lithium battery pack of desired configuration
Rev 1; 4/16
More results

유사한 설명 - MAX1720

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM8829 AD-ADM8829_15 Datasheet
76Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
   Switched Capacitor Voltage Inverter with Shutdown
logo
Analog Devices
ADM8828ART-REEL AD-ADM8828ART-REEL Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828ARTZ AD-ADM8828ARTZ Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930 Datasheet
311Kb / 8P
   Switched Capacitor Voltage Inverter with Shutdown
logo
Analog Devices
ADM8828 AD-ADM8828 Datasheet
67Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828 AD-ADM8828_15 Datasheet
76Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5931 GMT-G5931 Datasheet
174Kb / 7P
   Switched-Capacitor Voltage Inverters with Shutdown
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
   Switched Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729 Datasheet
165Kb / 22P
   Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com