전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM3232EARUZ-REEL7 데이터시트(PDF) 8 Page - Analog Devices

부품명 ADM3232EARUZ-REEL7
상세설명  -15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM3232EARUZ-REEL7 데이터시트(HTML) 8 Page - Analog Devices

Back Button ADM3232EARUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 9Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 10Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 11Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADM3232E
Rev. 0 | Page 8 of 12
THEORY OF OPERATION
The ADM3232E is a single-channel RS-232 line driver/receiver.
Step-up voltage converters, coupled with level-shifting transmitters
and receivers, allow RS-232 levels to be developed while operating
from a single 3.3 V supply.
CMOS technology is used to keep the power dissipation to an
absolute minimum, allowing maximum battery life in portable
applications.
CIRCUIT DESCRIPTION
The internal circuitry consists of the following main sections:
A charge pump voltage converter
A 3.3 V logic to RS-232 transmitter
An RS-232 to 3.3 V logic receiver
Charge Pump DC-DC Voltage Converter
The charge pump voltage converter consists of a 200 kHz
oscillator and a switching matrix. The converter generates a
±6.6 V supply from the input 3.3 V level. This is done in two
stages by using a switched capacitor technique as shown in
Figure 10. First, the 3.3 V input supply is doubled to 6.6 V by
using Capacitor C1 as the charge storage element. The +6.6 V
level is then inverted to generate −6.6 V, using C2 as the storage
element. C3 is shown connected between V+ and VCC, but it is
equally effective if connected between V+ and GND.
Capacitor C3 and Capacitor C4 are used to reduce the output
ripple. Their values are not critical and can be increased, if desired.
Capacitor C3 is shown connected between V+ and VCC. It is also
acceptable to connect this capacitor between V+ and GND.
If desired, larger capacitors (up to 10 μF) can be used for
Capacitor C1 to Capacitor C4.
C1+
C2+
C1–
C2–
VCC
V–
V+
T1IN
T1OUT
T2IN
T2OUT
R1OUT
R1IN
R2OUT
R2IN
TTL/CMOS
INPUTS
RS-232
OUTPUTS
TTL/CMOS
OUTPUTS
RS-232
INPUTS*
T1
T2
R1
R2
+
+
0.1µF
10V
0.1µF
10V
GND
ADM3232E
C3
0.1µF
6.3V
+3.3V INPUT
+3.3V TO +6.6V
VOLTAGE
DOUBLER
+6.6V TO –6.6V
VOLTAGE
INVERTER
C5
0.1µF
C4
0.1µF
10V
*INTERNAL 5kΩ PULL-DOWN RESISTOR
ON EACH RS-232 INPUT.
5kΩ
5kΩ
Figure 10. Typical Operating Circuit
C1
+
C3
+
S3
S4
S1
S2
INTERNAL
OSCILLATOR
VCC
GND
VCC
V+ = 2VCC
Figure 11. Charge Pump Voltage Doubler
C2
+
C4
+
S3
S4
S1
S2
INTERNAL
OSCILLATOR
V+
GND
V– = –(V+)
GND
FROM
VOLTAGE
DOUBLER
Figure 12. Charge Pump Voltage Inverter
Transmitter (Driver) Section
The drivers convert 3.3 V logic input levels into RS-232 output
levels. With VCC = 3.3 V and driving an RS-232 load, the output
voltage swing is typically ±6 V.
Receiver Section
The receivers are inverting level-shifters that accept RS-232 input
levels and translate them into 3 V logic output levels. The inputs
have internal 5 kΩ pull-down resistors to ground and are also
protected against overvoltages up to ±30 V. Unconnected inputs
are pulled to 0 V by the internal 5 kΩ pull-down resistor. This
results in a Logic 1 output level for unconnected inputs or for
inputs connected to GND.
The receivers have Schmitt trigger inputs with a hysteresis level
of 0.4 V. This ensures error-free reception for both noisy inputs
and for inputs with slow transition times.
ESD Protection on RS-232 and TTL/CMOS I/O Pins
All RS-232 (T_OUT and R_IN) and TTL/CMOS (T_IN and R_OUT)
inputs and outputs are protected against electrostatic discharges
(up to ±15 kV). This ensures compliance with IEC 1000-4-2
requirements.
HIGH BAUD RATE
The ADM3232E features high slew rates, permitting data trans-
mission at rates well in excess of the EIA-232E specifications.
RS-232 voltage levels are maintained at data rates up to 460 kbps,
even under worst-case loading conditions. This allows high
speed data links between two terminals and is suitable for the
new generation ISDN modem standards that require data rates
of 230 kbps. The slew rate is internally controlled to less than
30 V/μs to minimize EMI interference.


유사한 부품 번호 - ADM3232EARUZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3232EARUZ-REEL7 AD-ADM3232EARUZ-REEL7 Datasheet
232Kb / 12P
   Line Driver/Receiver
REV. B
ADM3232EARUZ-REEL7 AD-ADM3232EARUZ-REEL7 Datasheet
232Kb / 12P
   ±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
More results

유사한 설명 - ADM3232EARUZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3232E AD-ADM3232E_V01 Datasheet
232Kb / 12P
   ±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
ADM3101E AD-ADM3101E_V01 Datasheet
297Kb / 12P
   짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
Rev. D
ADM3101E AD-ADM3101E_08 Datasheet
253Kb / 12P
   짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
REV. C
logo
Texas Instruments
MAX211 TI-MAX211 Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX208 TI-MAX208_06 Datasheet
270Kb / 15P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX222 TI-MAX222 Datasheet
346Kb / 15P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
MAX211 TI-MAX211_06 Datasheet
289Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX208 TI-MAX208 Datasheet
287Kb / 14P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
   /-15 kV ESD protected 5 V RS-232 transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com