전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MMT05B350T3 데이터시트(HTML) 3 Page - ON Semiconductor

부품명 MMT05B350T3
상세내용  Thyristor Surge Protectors High Voltage Bidirectional TSPD
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMT05B350T3 데이터시트(HTML) 3 Page - ON Semiconductor

  MMT05B350T3 데이터시트 HTML 1Page - ON Semiconductor MMT05B350T3 데이터시트 HTML 2Page - ON Semiconductor MMT05B350T3 데이터시트 HTML 3Page - ON Semiconductor MMT05B350T3 데이터시트 HTML 4Page - ON Semiconductor MMT05B350T3 데이터시트 HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMT05B350T3
http://onsemi.com
3
Figure 1. Typical Off−State Current versus
Temperature
TEMPERATURE (
°C)
140
120
100
80
60
0
−40
−60
100
10
1.0
0.1
0.01
Figure 2. Typical Breakdown Voltage versus
Temperature
TEMPERATURE (
°C)
VD1 = 50V
0
−60
1
40
390
380
370
360
350
340
320
400
−40
20
−20
20
40
−20
40
120
100
60
80
0.001
330
440
430
420
410
400
380
390
Figure 3. Maximum Breakover Voltage versus
Temperature
Figure 4. Typical Holding Current versus
Temperature
TEMPERATURE (
°C)
−40
100
TEMPERATURE (
°C)
40
0
− 60
140
TIME (sec)
100000
1000
100
10
420
320
220
Figure 5. Exponential Decay Pulse Waveform
Figure 6. Peak Surge On−State Current versus
Surge Current Duration, Sinusoidal Waveform
−40
20
− 20
60
120
100
80
550
500
400
300
200
− 20
0
20
40
60
80
100
120
TIME (
ms)
0
50
0
100
tr = rise time to peak value
tf = decay time to half value
tr
tf
Peak
Value
Half Value
240
260
280
300
380
400
340
360
450
350
250
150
600


Html Pages

1  2  3  4  5 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn