전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MMT08B350T3 데이터시트(HTML) 2 Page - ON Semiconductor

부품명 MMT08B350T3
상세내용  Thyristor Surge Protectors High Voltage Bidirectional TSPD
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMT08B350T3 데이터시트(HTML) 2 Page - ON Semiconductor

  MMT08B350T3 데이터시트 HTML 1Page - ON Semiconductor MMT08B350T3 데이터시트 HTML 2Page - ON Semiconductor MMT08B350T3 데이터시트 HTML 3Page - ON Semiconductor MMT08B350T3 데이터시트 HTML 4Page - ON Semiconductor MMT08B350T3 데이터시트 HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMT08B350T3
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Operating Temperature Range Blocking or Conducting State
TJ1
−40 to + 125
°C
Overload Junction Temperature − Maximum Conducting State Only
TJ2
+ 175
°C
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted) Devices are bidirectional. All electrical parameters apply to
forward and reverse polarities.
Characteristics
Symbol
Min
Typ
Max
Unit
Breakover Voltage (Both polarities)
(dv/dt = 100 V/
ms, ISC = 1.0 A, Vdc = 1000 V)
(+65
°C)
V(BO)
400
412
V
Breakover Voltage (Both polarities)
(f = 60 Hz, ISC = 1.0 A(rms), VOC = 1000 V(rms),
RI = 1.0 kW, t = 0.5 cycle) (Note 3)
(+65
°C)
V(BO)
400
412
V
Breakover Voltage Temperature Coefficient
dV(BO)/dTJ
0.12
V/
°C
Breakdown Voltage (I(BR) = 1.0 mA) Both polarities
V(BR)
350
V
Off State Current (VD1 = 50 V) Both polarities
Off State Current (VD2 = VDM) Both polarities
ID1
ID2
2.0
5.0
mA
On−State Voltage (IT = 1.0 A)
(PW
≤ 300 ms, Duty Cycle ≤ 2%) (Note 3)
VT
1.7
3.0
V
Breakover Current (f = 60 Hz, VDM = 1000 V(rms), RS = 1.0 kW)
Both polarities
IBO
475
mA
Holding Current (Both polarities) (Note 3)
VS = 500 V; IT (Initiating Current) = "1.0 A (+65°C)
IH
150
130
270
mA
Critical Rate of Rise of Off−State Voltage
(Linear waveform, VD = Rated VBR, TJ = 25°C)
dv/dt
2000
V/
ms
Capacitance (f = 1.0 MHz, 50 Vdc, 1.0 V rms Signal)
Capacitance (f = 1.0 MHz, 2.0 Vdc, 1.0 V rms Signal)
CO
20
42
25
45
pF
3. Measured under pulse conditions to reduce heating.
+ Current
+ Voltage
VTM
V(BO)
I(BO)
ID2
ID1
VD1
VD2 V(BR)
IH
Symbol
Parameter
ID1, ID2
Off State Leakage Current
VD1, VD2
Off State Blocking Voltage
VBR
Breakdown Voltage
VBO
Breakover Voltage
IBO
Breakover Current
IH
Holding Current
VTM
On State Voltage
Voltage Current Characteristic of TSPD
(Bidirectional Device)


Html Pages

1  2  3  4  5 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn