전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

X25FG 데이터시트(PDF) 1 Page - Voltage Multipliers Inc.

부품명 X25FG
상세설명  2,500 V - 10,000 V Rectifiers 100 mA - 250 mA Forward Current 200 ns Recovery Time
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VMI [Voltage Multipliers Inc.]
홈페이지  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

X25FG 데이터시트(HTML) 1 Page - Voltage Multipliers Inc.

  X25FG Datasheet HTML 1Page - Voltage Multipliers Inc. X25FG Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
101
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
TEL
559-651-1402
FAX
559-651-0740
www.voltagemultipliers.com
4
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
X25FG
X50FG
X100FG
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
2,500 V - 10,000 V Rectifiers
100 mA - 250 mA Forward Current
200 ns Recovery Time
AXIAL LEADED
HERMETICALLY SEALED
t
r
a
PA
G
F
5
2
X
G
F
0
5
X
G
F
0
0
1
X
.
X
A
M
)
9
8
.
8
(
0
5
3
.
.170(4.3)
MAX.
1.00(25.4)
MIN.
.030 ±.003
(.77 ±.08)
A
(1)TL=55°C L=0.375" (2)TL=100°C L=0.375" (3)If=125mA, Ir=250mA, Irr=63mA • Op.Temp.= -65°C to +175°C Stg.Temp.= -65°C to +200°C
t
r
a
P
r
e
b
m
u
N
g
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
t
l
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
i
f
i
t
c
e
R
t
n
e
r
r
u
C
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
r
I
(
d
r
a
w
r
o
F
e
g
a
t
l
o
V
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
f
I
(
e
v
i
t
i
t
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
f
I
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
3
(
)
r
r
T
(
l
a
m
r
e
h
T
e
c
n
a
d
e
p
m
I
u L-
J
n
o
i
t
c
n
u
J
.
p
a
C
C
D
V
0
5
@
Z
H
k
1
@
)
j
C
(
)
1
(
C
°
5
5)
2
(
C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
20
0
0
=
L5
2
1
.
=
L0
5
2
.
=
LC
°
5
2
s
t
l
o
VA
mA
mA
µA
µs
t
l
o
VA
ms
p
m
As
p
m
As
nW
/
C
°W
/
C
°W
/
C
°F
p
G
F
5
2
X
G
F
0
5
X
G
F
0
0
1
X
0
0
5
2
0
0
0
5
0
0
0
0
1
0
5
2
0
5
1
0
0
1
5
2
1
5
7
0
5
0
.
1
0
.
1
0
.
1
0
2
0
2
0
2
0
.
6
0
.
8
0
.
3
1
0
0
1
0
0
1
0
0
1
5
1
0
1
5
0
.
3
0
.
2
0
.
1
0
0
2
0
0
2
0
0
2
5
5
5
2
1
2
1
2
1
5
.
1
2
5
.
1
2
5
.
1
2
0
.
4
0
.
3
0
.
2


유사한 부품 번호 - X25FG

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
X25FG NJSEMI-X25FG Datasheet
98Kb / 2P
   HIGH VOLTAGE RECTIFIERS
X25FG NJSEMI-X25FG Datasheet
98Kb / 2P
   HIGH VOLTAGE RECTIFIERS
logo
Voltage Multipliers Inc...
X25FG VMI-X25FG Datasheet
99Kb / 2P
   High Voltage Diodes - Axial Lead 25mA - 250mA ??200ns ??Hermetic
X25FG VMI-X25FG_13 Datasheet
99Kb / 2P
   High Voltage Diodes - Axial Lead 25mA - 250mA ??200ns ??Hermetic
More results

유사한 설명 - X25FG

제조업체부품명데이터시트상세설명
logo
Voltage Multipliers Inc...
X25UFG VMI-X25UFG Datasheet
94Kb / 2P
   2,500 V - 10,000 V Rectifiers 100 mA - 250 mA Forward Current 100 ns Recovery Time
M25FG VMI-M25FG Datasheet
96Kb / 2P
   2,500 V - 16,000 V Rectifiers 10 mA - 100 mA Forward Current 200 ns Recovery Time
M25UFG VMI-M25UFG Datasheet
96Kb / 2P
   2,500 V - 16,000 V Rectifiers 10 mA - 100 mA Forward Current 100 ns Recovery Time
M25UFG VMI-M25UFG_10 Datasheet
50Kb / 2P
   2,500 V - 16,000 V Rectifiers 10 mA - 100 mA Forward Current 100 ns Recovery Time
SM6525 VMI-SM6525 Datasheet
29Kb / 1P
   5,000 V - 10,000 V Rectifiers 25 mA - 150 mA Forward Current 70 ns Recovery Time
K25F VMI-K25F Datasheet
83Kb / 2P
   2,500 V - 10,000 V Rectifiers 1.5 A - 3.0 A Forward Current 200 ns Recovery Time
Z25FG VMI-Z25FG Datasheet
98Kb / 2P
   2,500 V - 10,000 V Rectifiers 0.50 A - 1.5 A Forward Current 200 ns Recovery Time
logo
New Jersey Semi-Conduct...
NJS25UF NJSEMI-NJS25UF Datasheet
274Kb / 1P
   2,500 V -10,000 V Rectifiers 1.5 A - 3.0 A Forward Current 100 ns Recovery Time
logo
List of Unclassifed Man...
Z25UFG ETC1-Z25UFG Datasheet
98Kb / 2P
   2,500 V - 10,000 V Rectifiers 0.50 A - 1.5 A Forward Current 100 ns Recovery Time
logo
Voltage Multipliers Inc...
Z25UFG VMI-Z25UFG Datasheet
98Kb / 2P
   2,500 V - 10,000 V Rectifiers 0.50 A - 1.5 A Forward Current 100 ns Recovery Time
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com