전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD2S1205WSTZ 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD2S1205WSTZ
상세설명  12-Bit R/D Converter with Reference Oscillator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD2S1205WSTZ 데이터시트(HTML) 5 Page - Analog Devices

  AD2S1205WSTZ Datasheet HTML 1Page - Analog Devices AD2S1205WSTZ Datasheet HTML 2Page - Analog Devices AD2S1205WSTZ Datasheet HTML 3Page - Analog Devices AD2S1205WSTZ Datasheet HTML 4Page - Analog Devices AD2S1205WSTZ Datasheet HTML 5Page - Analog Devices AD2S1205WSTZ Datasheet HTML 6Page - Analog Devices AD2S1205WSTZ Datasheet HTML 7Page - Analog Devices AD2S1205WSTZ Datasheet HTML 8Page - Analog Devices AD2S1205WSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Preliminary Technical Data
AD2S1205
Rev. PrB | Page 5 of 25
Parameter
Min
Typ
Max
Unit
Conditions/Comments
FAULT DETECTION BLOCK (CONT.)
DOS
Sin/Cos Threshold
4.0
4.09
4.2
V p-p
DOS goes low when Sin or Cos exceeds threshold.
Sin/Cos Mismatch
385
420
mV
DOS latched low when Sin/Cos amplitude mismatch
exceeds the threshold.
Angular Accuracy (Worst Case)
33
Degrees
DOS indicated before angular output error exceeds
limit.
Angular Latency (Worst Case)
66
Degrees
Maximum electrical rotation before DOS is indicated.
Time Latency
125
μs
LOT
Tracking Threshold
5
Degrees
LOT goes low when internal error signal exceeds
threshold. Guaranteed by design.
Time Latency
1.1
ms
Hysteresis
4
Degrees
Guaranteed by design
VOLTAGE REFERENCE
REFOUT
2.39
2.47
2.52
V
±IOUT = 100 μA
Drift
70
ppm/°C
PSRR
−60
dB
CHARGE PUMP OUTPUT (CPO)
Frequency
204.8
kHz
Square wave output
Duty Cycle
50
%
POWER SUPPLY
IDD Dynamic
18
mA
ELECTRICAL CHARACTERISTICS
VIL Voltage Input Low
0.8
V
VIH Voltage Input High
2.0
V
VOL Voltage Output Low
0.4
V
2 mA load
VOH Voltage Output High
4.0
V
−1 mA load
IIL Low Level Input Current
10
μA
IIH High Level Input Current
−10
μA
IOZH High Level Three-State Leakage
−10
μA
IOZL Low Level Three-State Leakage
10
μA


유사한 부품 번호 - AD2S1205WSTZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD2S1205WSTZ AD-AD2S1205WSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205WSTZ AD-AD2S1205WSTZ Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
More results

유사한 설명 - AD2S1205WSTZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD2S1200 AD-AD2S1200 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
AD2S1210 AD-AD2S1210 Datasheet
513Kb / 36P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1210SST-EP-RL7 AD-AD2S1210SST-EP-RL7 Datasheet
345Kb / 16P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1205 AD-AD2S1205_17 Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
ADW71205WSTZ AD-ADW71205WSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
ADW71205YSTZ AD-ADW71205YSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205 AD-AD2S1205_15 Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com