전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5532ABC-2 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD5532ABC-2
상세설명  32-Channel Precision Infinite Sample-and-Hold
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5532ABC-2 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD5532ABC-2 Datasheet HTML 5Page - Analog Devices AD5532ABC-2 Datasheet HTML 6Page - Analog Devices AD5532ABC-2 Datasheet HTML 7Page - Analog Devices AD5532ABC-2 Datasheet HTML 8Page - Analog Devices AD5532ABC-2 Datasheet HTML 9Page - Analog Devices AD5532ABC-2 Datasheet HTML 10Page - Analog Devices AD5532ABC-2 Datasheet HTML 11Page - Analog Devices AD5532ABC-2 Datasheet HTML 12Page - Analog Devices AD5532ABC-2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. A
AD5533B
–9–
TERMINOLOGY
VIN to VOUT Nonlinearity
This is a measure of the maximum deviation from a straight line
passing through the endpoints of the VIN versus VOUT transfer
function. It is expressed as a percentage of the full-scale span.
Total Unadjusted Error (TUE)
This is a comprehensive specification that includes relative accu-
racy, gain, and offset errors. It is measured by sampling a range
of voltages on VIN and comparing the measured voltages on
VOUT to the ideal value. It is expressed in mV.
Offset Error
This is a measure of the output error when VIN = 70 mV. Ideally,
with VIN = 70 mV:
VGain
Gain
V
mV
OUT
OFFS IN
− ×
()
((
)
)
_
70
1
Offset error is a measure of the difference between VOUT (actual)
and VOUT (ideal). It is expressed in mV and can be positive or
negative. See Figure 5.
Gain Error
This is a measure of the span error of the analog channel. It is
the deviation in slope of the transfer function. See Figure 5. It is
calculated as:
Gain Error
Actual Full Scale Output
Ideal Full Scale Output Offset
Error
=−
-
-
where
Ideal Full Scale Output
Gain
Gain
V
OFFS
IN
-
− ×
(.
)
((
)
)
_
296
1
Ideal Gain = 3.52
Output Temperature Coefficient
This is a measure of the change in analog output with changes in
temperature. It is expressed in ppm/
°C.
DC Power Supply Rejection Ratio
DC Power Supply Rejection Ratio (PSRR) is a measure of
the change in analog output for a change in supply voltage
(VDD and VSS). It is expressed in dBs. VDD and VSS are varied
±5%.
DC Crosstalk
This is the dc change in the output level of one channel in response
to a full-scale change in the output of all other channels. It is
expressed in
µV.
Output Settling Time
This is the time taken from when
BUSY goes high to when the
output has settled to
±0.018%.
Acquisition Time
This is the time taken for the VIN input to be acquired. It is the
length of time that
BUSY stays low.
OFFS_IN Settling Time
This is the time taken from a 0 V–3 V step change in input
voltage on OFFS_IN until the output has settled to within
±0.39%.
Digital Feedthrough
This is a measure of the impulse injected into the analog outputs
from the digital control inputs when the part is not being written
to, i.e.,
CS/SYNC is high. It is specified in nV-secs and is measured
with a worst-case change on the digital input pins, e.g., from all
0s to all 1s and vice versa.
Output Noise Spectral Density
This is a measure of internally generated random noise. Random
noise is characterized as a spectral density (voltage per root Hertz).
It is measured by acquiring 1.5 V on all channels and measuring
noise at the output. It is measured in nV/
√Hz typ.
AC Crosstalk
This is the area of the glitch that occurs on the output of one chan-
nel while another channel is acquiring. It is expressed in nV-secs.
2.96
3V
70mV
0V
VOUT
IDEAL
TRANSFER
FUNCTION
ACTUAL
TRANSFER
FUNCTION
OFFSET
ERROR
GAIN ERROR +
OFFSET ERROR
VIN
UPPER
DEAD BAND
LOWER
DEAD BAND
Figure 5. ISHA Transfer Function


유사한 부품 번호 - AD5532ABC-2

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5532ABC-2 AD-AD5532ABC-2 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5532ABC-2 AD-AD5532ABC-2 Datasheet
443Kb / 16P
   32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
REV. A
More results

유사한 설명 - AD5532ABC-2

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5533 AD-AD5533 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. A
AD5532B AD-AD5532B Datasheet
443Kb / 16P
   32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
REV. A
logo
Maxim Integrated Produc...
DS4303 MAXIM-DS4303 Datasheet
421Kb / 8P
   Voltage Sample and Infinite Hold
Rev 0; 3/05
DS4305 MAXIM-DS4305 Datasheet
229Kb / 8P
   Sample-and-Infinite Hold Voltage Reference
Rev 0; 1/06
logo
Linear Technology
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
   Precision Sample and Hold Amplifier?
LF198A LINER-LF198A Datasheet
1Mb / 16P
   Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
   Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA1-5330-5 INTERSIL-HA1-5330-5 Datasheet
283Kb / 5P
   650ns Precision Sample and Hold Amplifier
June 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com