전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5624BRMZ 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD5624BRMZ
상세설명  2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5624BRMZ 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD5624BRMZ Datasheet HTML 6Page - Analog Devices AD5624BRMZ Datasheet HTML 7Page - Analog Devices AD5624BRMZ Datasheet HTML 8Page - Analog Devices AD5624BRMZ Datasheet HTML 9Page - Analog Devices AD5624BRMZ Datasheet HTML 10Page - Analog Devices AD5624BRMZ Datasheet HTML 11Page - Analog Devices AD5624BRMZ Datasheet HTML 12Page - Analog Devices AD5624BRMZ Datasheet HTML 13Page - Analog Devices AD5624BRMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5624/AD5664
Rev. 0 | Page 10 of 24
IDD (mA)
0
1
2
3
5
4
6
8
7
0.39
0.40
0.41
0.42
0.43
VDD = 3.6V
TA = 25°C
Figure 16. IDD Histogram with VDD = 3.6 V
I (mA)
0.20
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
–5
–4
–3
–2
–1
0
1
2
4
35
VDD = VREF = 5V, 3V
TA = 25°C
DAC LOADED WITH
ZERO SCALE –
SINKING CURRENT
DAC LOADED WITH
FULL SCALE –
SOURCING CURRENT
Figure 17. Headroom at Rails vs. Source and Sink Current
TEMPERATURE (°C)
0.50
0.05
0.10
0.15
0.20
0.35
0.40
0.25
0.30
0.45
0
–40
–20
0
20
40
60
80
100
TA = 25°C
VDD = VREFIN = 5V
VDD = VREFIN = 3V
Figure 18. Supply Current vs. Temperature
TIME BASE = 4µs/DIV
VDD = VREF = 5V
TA = 25°C
FULL-SCALE CODE CHANGE
0x0000 TO 0xFFFF
OUTPUT LOADED WITH 2kΩ
AND 200pF TO GND
VOUT = 909mV/DIV
1
Figure 19. Full-Scale Settling Time, 5 V
CH1 2.0V
CH2 500mV
M100µs 125MS/s
A CH1
1.28V
8.0ns/pt
VDD = VREF = 5V
TA = 25°C
VOUT
VDD
1
2
MAX(C2)
420.0mV
Figure 20. Power-On Reset to 0 V
VDD = 5V
SYNC
SLCK
VOUT
1
3
CH1 5.0V
CH3 5.0V
CH2 500mV
M400ns
A CH1
1.4V
2
Figure 21. Exiting Power-Down to Midscale


유사한 부품 번호 - AD5624BRMZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5624BRMZ AD-AD5624BRMZ Datasheet
561Kb / 23P
   Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
AD5624BRMZ-REEL7 AD-AD5624BRMZ-REEL7 Datasheet
561Kb / 23P
   Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
More results

유사한 설명 - AD5624BRMZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5664 AD-AD5664_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5624 AD-AD5624_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Rev. 0
AD5624 AD-AD5624_18 Datasheet
561Kb / 23P
   Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
AD5663 AD-AD5663_15 Datasheet
725Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
AD5320 AD-AD5320_05 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5663 AD-AD5663 Datasheet
730Kb / 24P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com