전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NCP1508 데이터시트(PDF) 12 Page - ON Semiconductor

부품명 NCP1508
상세설명  Up to 500 mA, 1 MHz, High Efficiency Synchronous Step?묭own DC?묭C Converter in DFN Package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1508 데이터시트(HTML) 12 Page - ON Semiconductor

Back Button NCP1508 Datasheet HTML 7Page - ON Semiconductor NCP1508 Datasheet HTML 8Page - ON Semiconductor NCP1508 Datasheet HTML 9Page - ON Semiconductor NCP1508 Datasheet HTML 10Page - ON Semiconductor NCP1508 Datasheet HTML 11Page - ON Semiconductor NCP1508 Datasheet HTML 12Page - ON Semiconductor NCP1508 Datasheet HTML 13Page - ON Semiconductor NCP1508 Datasheet HTML 14Page - ON Semiconductor NCP1508 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
NCP1508
http://onsemi.com
12
APPLICATIONS INFORMATION
Component Selection
Input Capacitor Selection
In PWM operating mode, the input current is pulsating
with large switching noise. Using an input bypass capacitor
can reduce the peak current transients drawn from the input
supply source, thereby reducing switching noise
significantly. The capacitance needed for the input bypass
capacitor depends on the source impedance of the input
supply. The RMS capacitor current is calculated as:
IRMS [ IO D @ D
(eq. 1)
The maximum RMS current occurs at 50% duty cycle
with maximum output current, which is IO,max/2.
For NCP1508, a low profile ceramic capacitor of 10
mF
should be used for most of the cases. For effective bypass
results, the input capacitor should be placed as close as
possible to the VCC Pin.
Inductor Value Selection
Selecting the proper inductor value is based on the
desired ripple current. The relationship between the
inductance and the inductor ripple current is given by the
equation in below.
DiL +
Vout
Lfs
1 *
Vout
Vin
(eq. 2)
Large value inductors will have small ripple current and
low value inductor will have high ripple current. For
NCP1508, the compensation is internally fixed and a fixed
6.8
mH inductor is needed for most of the applications.
Output Capacitor Selection
Selecting the proper output capacitor is based on the
desired output ripple voltage. Ceramic capacitors with low
ESR values will have the lowest output ripple voltage and
are strongly recommended. The output ripple voltage is
given by:
DVc + DiL @ ESR )
1
4fsCout
(eq. 3)
The RMS output capacitor current is given by:
IRMS(Cout) +
VO @ (1 * D)
23 @ L @ fs
(eq. 4)
Where fs is the switching frequency and ESR is the
effective series resistance of the output capacitor. A low
ESR, 22
mF ceramic capacitor is recommended for
NCP1508 in most of applications. For example, with TDK
C2012X5R0J226 output capacitor, the output ripple is less
than 10 mV at 300 mA.
Design Example
As a design example, assume that the NCP1508 is used
in a single lithium−ion battery application. The input
voltage, Vin, is 3.0 V to 4.2 V. Output condition is Vout at
1.5 V with a typical load current of 120 mA and a maximum
of 300 mA. For NCP1508, the inductor has a predetermined
value, 6.8
mH. The inductor ESR will factor into the overall
efficiency of the converter. The inductor needs to be
selected by the required peak current.
Equation 5 is the basic equation for an inductor and
describes the voltage across the inductor. The inductance
value determines the slope of the current of the inductor.
VL
L +
diL
dt
(eq. 5)
Equation 5 is rearranged to solve for the change in
current for the on−time of the converter in Continuous
Conduction Mode.
(eq. 6)
iL, pk−pk +
(Vin * Vout)
L
@ DTs
+
(Vin * Vout)
L
@
Vin
Vout
@
1
fs
iL, max + IO, max )
DiL, pk−pk
2
Utilizing Equations 6, the peak−to−peak inductor current
is calculated using the following worst−case conditions.
Vin, max + 4.2 V, Vout + 1.5 V, fs + 1MHz−20%,
L + 6.8 mH−10%, iL, pk−pk + 197 mA, iL, max + 399 mA
Therefore, the inductor must have a maximum current
exceeding 405 mA.
Since the compensation is fixed internally in the IC, the
input and output capacitors as well as the inductor have a
predetermined value too: Cin = 10 mF and Cout = 22 mF. Low
ESR capacitors are needed for best performance.
Therefore, ceramic capacitors are recommended. Please
see Table 3 for recommended inductors and capacitors.
PCB Layout Recommendations
Good PCB layout plays an important role in switching
mode power conversion. Careful PCB layout can help to
minimize ground bounce, EMI noise and unwanted
feedbacks that can affect the performance of the converter.
Hints suggested below can be used as a guideline in most
situations.
1. Use star−ground connection to connect the IC ground
nodes and capacitor GND nodes together at one point.
Keep them as close as possible. And then connect this to the
ground plane (if it is used) through several vias. This will
reduce noise in ground plane by preventing the switching
currents from flowing through the ground plane.
2. Place the power components (i.e., input capacitor,
inductor and output capacitor) as close together as possible
for best performance. All connecting traces must be short,
direct, and thick to reduce voltage errors caused by
resistive losses across these traces.
3. Separate the feedback path of the output voltage from
the power path. Keep this path close to the NCP1508
circuit. And also route it away from noisy components.


유사한 부품 번호 - NCP1508

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500 Datasheet
87Kb / 12P
   Dual Mode PWM/Linear BUCK Converter
February, 2004 ??Rev. 4
NCP1500 ONSEMI-NCP1500 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1500DMR2 ONSEMI-NCP1500DMR2 Datasheet
87Kb / 12P
   Dual Mode PWM/Linear BUCK Converter
February, 2004 ??Rev. 4
NCP1500DMR2G ONSEMI-NCP1500DMR2G Datasheet
87Kb / 12P
   Dual Mode PWM/Linear BUCK Converter
February, 2004 ??Rev. 4
NCP1500 ONSEMI-NCP1500_06 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
More results

유사한 설명 - NCP1508

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCP1509 ONSEMI-NCP1509 Datasheet
470Kb / 15P
   Up to 500 mA, 1 MHz, High Efficiency Synchronous Step?묭own DC?묭C Converter in DFN Package
July, 2006 ??Rev. 1
NCP1521B ONSEMI-NCP1521B Datasheet
219Kb / 14P
   1.5 MHz, 600 mA Step?묭own DC?묭C Converter
March, 2007 ??Rev. 0
NCP1511 ONSEMI-NCP1511 Datasheet
162Kb / 16P
   Up to 500 mA, High Efficiency Synchronous Step-Down DC-DC Converter
January, 2005 ??Rev. 5
logo
Linear Technology
LTC3427 LINER-LTC3427_15 Datasheet
213Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
   HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com