전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7765BRUZ 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD7765BRUZ
상세설명  24-Bit, 156 kSPS,112dB ADC, With On-Chip Buffers, Serial Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7765BRUZ 데이터시트(HTML) 5 Page - Analog Devices

  AD7765BRUZ Datasheet HTML 1Page - Analog Devices AD7765BRUZ Datasheet HTML 2Page - Analog Devices AD7765BRUZ Datasheet HTML 3Page - Analog Devices AD7765BRUZ Datasheet HTML 4Page - Analog Devices AD7765BRUZ Datasheet HTML 5Page - Analog Devices AD7765BRUZ Datasheet HTML 6Page - Analog Devices AD7765BRUZ Datasheet HTML 7Page - Analog Devices AD7765BRUZ Datasheet HTML 8Page - Analog Devices AD7765BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Preliminary Technical Data
AD7765
Rev. PrC | Page 5 of 21
TIMING SPECIFICATIONS
Table 2.
AVDD1 = DVDD = 2.5 V, AVDD2 = AVDD3 = AVDD4 = 5 V, VREF = 4.096 V, TA = +25°C, CLOAD = 25pF.
Parameter
Limit at TMIN, TMAX
Unit
Description
fMCLK
500
KHz min
Applied Master Clock Frequency
40
MHz max
fICLK
250
kHz min
Internal Modulator Clock Derived from MCLK.
20
MHz max
t1
1 × tICLK
typ
SCO High Period
t2
1 × tICLK
typ
SCO Low Period
t3
TBD
typ
SCO rising edge to FSO falling edge
t4
TBD
typ
Data Access time, FSO falling edge to data active
t5
TBD
ns max
Initial Data Access Time, SDO active to SDO valid
t6
TBD
ns min
SDO valid to SCO Rising Edge
t7
TBD
ns max
SCO rising edge to SDO valid
t8
TBD
typ
SCO rising edge to FSO rising edge
t9
TBD
typ
FSO rising edge to SDO invalid
t10
TBD × tSCO
max
FSO Low Period
t11
TBD
min
FSI Low Period
t121
TBD
max
FSI Low Period
t13
TBD
min
SCO rising edge to SDI valid
t14
TBD
min
SDI valid to SCO rising edge
t15
TBD
max
SCO rising edge to SDI valid
t16
TBD
min
FSI rising edge to SDI three-state
1 This is the max time FSI can be held low when writing to an individual (non-daisy chained) AD7764 device.


유사한 부품 번호 - AD7765BRUZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7765BRUZ AD-AD7765BRUZ Datasheet
1Mb / 32P
   24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7765BRUZ AD-AD7765BRUZ Datasheet
881Kb / 33P
   Sigma-Delta ADC On-Chip Buffers and Serial Interface
AD7765BRUZ-REEL7 AD-AD7765BRUZ-REEL7 Datasheet
1Mb / 32P
   24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7765BRUZ-REEL7 AD-AD7765BRUZ-REEL7 Datasheet
881Kb / 33P
   Sigma-Delta ADC On-Chip Buffers and Serial Interface
More results

유사한 설명 - AD7765BRUZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7765 AD-AD7765_07 Datasheet
1Mb / 32P
   24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7764 AD-AD7764 Datasheet
330Kb / 21P
   24-Bit 312 kSPS 109dB ADC With On-Chip Buffers Serial Interface
Rev. PrC
AD7763 AD-AD7763 Datasheet
688Kb / 32P
   24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
REV. 0
AD7764 AD-AD7764_07 Datasheet
1Mb / 32P
   24-Bit, 312 kSPS, 109 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7763 AD-AD7763_15 Datasheet
822Kb / 33P
   24-Bit, 625 kSPS, 109 dB Sigma-Delta ADC with On-Chip Buffers, Serial Interface
REV. B
AD7763 AD-AD7763_17 Datasheet
642Kb / 33P
   Sigma-Delta ADC with On-Chip Buffers, Serial Interface
AD7765 AD-AD7765_17 Datasheet
881Kb / 33P
   Sigma-Delta ADC On-Chip Buffers and Serial Interface
AD7762 AD-AD7762 Datasheet
591Kb / 28P
   625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
REV. 0
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
   625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com