전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7765BRUZ 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD7765BRUZ
상세설명  24-Bit, 156 kSPS,112dB ADC, With On-Chip Buffers, Serial Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7765BRUZ 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD7765BRUZ Datasheet HTML 5Page - Analog Devices AD7765BRUZ Datasheet HTML 6Page - Analog Devices AD7765BRUZ Datasheet HTML 7Page - Analog Devices AD7765BRUZ Datasheet HTML 8Page - Analog Devices AD7765BRUZ Datasheet HTML 9Page - Analog Devices AD7765BRUZ Datasheet HTML 10Page - Analog Devices AD7765BRUZ Datasheet HTML 11Page - Analog Devices AD7765BRUZ Datasheet HTML 12Page - Analog Devices AD7765BRUZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Preliminary Technical Data
AD7765
Rev. PrC | Page 9 of 21
Pin
Number
Pin Mnemonic
Description
12
SDO
Serial Data Out. Address, Status and Data bits are clocked out on this line during each serial
transfer. Each bit is clocked out on an SCO rising edge and valid on the falling edge. See the
AD7765 Interface section for further details.
13
SDI
Serial Data In. The first data bit (MSB) must be valid on the next SCO falling edge after the FSI
event has been latched. 32 bits are required for each write; the first 16-bit word contains the
device and register address and the second word contains the data. See the AD7765 Interface
section for further details.
14
FSI
Frame Sync In. The status of this pin is checked on the falling edge of SCO. If this pin is low then
the first data bit is latched in on the next SCO falling edge. See the AD7765 Interface section
for further details.
15
SYNC
Synchronization Input. A falling edge on this pin resets the internal filter. This can be used to
synchronize multiple devices in a system. See the AD7765 Interface section for further details.
16
RESET/PWDN
When a logic low is sensed on this pin, the part is powered down and all internal circuitry is
reset.
19
MCLK
Master Clock Input. A low jitter digital clock must be applied to this pin. The output data rate
will depend on the frequency of this clock. See Clocking the AD7765 Section for more details.
18
DEC_RATE
This pin selects which of the two decimation modes the AD7765 operates. When logic high is
applied to this pin, decimate by 128 mode is selected. Decimate by 256 is selected when by
applying logic low to the pin.


유사한 부품 번호 - AD7765BRUZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7765BRUZ AD-AD7765BRUZ Datasheet
1Mb / 32P
   24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7765BRUZ AD-AD7765BRUZ Datasheet
881Kb / 33P
   Sigma-Delta ADC On-Chip Buffers and Serial Interface
AD7765BRUZ-REEL7 AD-AD7765BRUZ-REEL7 Datasheet
1Mb / 32P
   24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7765BRUZ-REEL7 AD-AD7765BRUZ-REEL7 Datasheet
881Kb / 33P
   Sigma-Delta ADC On-Chip Buffers and Serial Interface
More results

유사한 설명 - AD7765BRUZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7765 AD-AD7765_07 Datasheet
1Mb / 32P
   24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7764 AD-AD7764 Datasheet
330Kb / 21P
   24-Bit 312 kSPS 109dB ADC With On-Chip Buffers Serial Interface
Rev. PrC
AD7763 AD-AD7763 Datasheet
688Kb / 32P
   24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
REV. 0
AD7764 AD-AD7764_07 Datasheet
1Mb / 32P
   24-Bit, 312 kSPS, 109 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7763 AD-AD7763_15 Datasheet
822Kb / 33P
   24-Bit, 625 kSPS, 109 dB Sigma-Delta ADC with On-Chip Buffers, Serial Interface
REV. B
AD7763 AD-AD7763_17 Datasheet
642Kb / 33P
   Sigma-Delta ADC with On-Chip Buffers, Serial Interface
AD7765 AD-AD7765_17 Datasheet
881Kb / 33P
   Sigma-Delta ADC On-Chip Buffers and Serial Interface
AD7762 AD-AD7762 Datasheet
591Kb / 28P
   625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
REV. 0
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
   625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com