전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G97 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 74AUP1G97
상세설명  Low-power configurable multiple function gate
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G97 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1G97 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G97 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G97 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G97 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G97 Datasheet HTML 11Page - NXP Semiconductors 74AUP1G97 Datasheet HTML 12Page - NXP Semiconductors 74AUP1G97 Datasheet HTML 13Page - NXP Semiconductors 74AUP1G97 Datasheet HTML 14Page - NXP Semiconductors 74AUP1G97 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
74AUP1G97_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 7 November 2006
11 of 19
NXP Semiconductors
74AUP1G97
Low-power configurable multiple function gate
[1]
For measuring enable and disable times RL =5kΩ, for measuring propagation delays, setup and hold times and pulse width RL =1MΩ.
13. Transfer characteristics
Test data is given in Table 11.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 13. Load circuitry for switching times
001aac521
PULSE
GENERATOR
DUT
RT
VI
VO
VEXT
VCC
RL
5 k
CL
Table 11.
Test data
Supply voltage
Load
VEXT
VCC
CL
RL[1]
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
0.8 V to 3.6 V
5 pF, 10 pF, 15 pF and 30 pF
5 k
Ω or 1 MΩ
open
GND
2
× VCC
Table 12.
Transfer characteristics
Voltages are referenced to GND (ground=0V; for test circuit see Figure 13.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
(85
°C)
Max
(125
°C)
VT+
positive-going
threshold voltage
see Figure 14 and Figure 15
VCC = 0.8 V
0.30
-
0.60
0.30
0.60
0.62
V
VCC = 1.1 V
0.53
-
0.90
0.53
0.90
0.92
V
VCC = 1.4 V
0.74
-
1.11
0.74
1.11
1.13
V
VCC = 1.65 V
0.91
-
1.29
0.91
1.29
1.31
V
VCC = 2.3 V
1.37
-
1.77
1.37
1.77
1.80
V
VCC = 3.0 V
1.88
-
2.29
1.88
2.29
2.32
V
VT−
negative-going
threshold voltage
see Figure 14 and Figure 15
VCC = 0.8 V
0.10
-
0.60
0.10
0.60
0.60
V
VCC = 1.1 V
0.26
-
0.65
0.26
0.65
0.65
V
VCC = 1.4 V
0.39
-
0.75
0.39
0.75
0.75
V
VCC = 1.65 V
0.47
-
0.84
0.47
0.84
0.84
V
VCC = 2.3 V
0.69
-
1.04
0.69
1.04
1.04
V
VCC = 3.0 V
0.88
-
1.24
0.88
1.24
1.24
V


유사한 부품 번호 - 74AUP1G97

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97 Datasheet
109Kb / 19P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
74AUP1G97 NXP-74AUP1G97 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Fairchild Semiconductor
74AUP1G97 FAIRCHILD-74AUP1G97 Datasheet
579Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
ON Semiconductor
74AUP1G97 ONSEMI-74AUP1G97 Datasheet
593Kb / 13P
   Low Power Universal Configurable Two-Input Logic Gate
October 2010 Rev 1.0.5
More results

유사한 설명 - 74AUP1G97

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com