전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G240 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74AUP1G240
상세설명  Low-power inverting buffer/line driver; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G240 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP1G240 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G240 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G240 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G240 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G240 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G240 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G240 Datasheet HTML 11Page - NXP Semiconductors 74AUP1G240 Datasheet HTML 12Page - NXP Semiconductors 74AUP1G240 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
74AUP1G240_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 6 November 2006
9 of 19
NXP Semiconductors
74AUP1G240
Low-power inverting buffer/line driver; 3-state
ten
enable time
OE to Y; see Figure 8
[3]
VCC = 0.8 V
-
74.0
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.6
7.4
16.3
3.2
18.2
20.1
ns
VCC = 1.4 V to 1.6 V
2.3
5.1
9.2
2.1
10.9
12.0
ns
VCC = 1.65 V to 1.95 V
2.0
4.1
7.1
1.8
8.5
9.4
ns
VCC = 2.3 V to 2.7 V
1.8
3.4
5.4
1.7
6.4
7.1
ns
VCC = 3.0 V to 3.6 V
1.8
3.1
4.8
1.7
5.7
6.3
ns
tdis
disable time
OE to Y; see Figure 8
[4]
VCC = 0.8 V
-
33.7
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.4
5.4
9.0
3.2
10.0
11.0
ns
VCC = 1.4 V to 1.6 V
2.1
4.1
6.3
2.1
7.1
7.9
ns
VCC = 1.65 V to 1.95 V
2.3
4.2
6.3
1.8
7.1
7.9
ns
VCC = 2.3 V to 2.7 V
1.6
3.0
4.6
1.7
5.2
5.7
ns
VCC = 3.0 V to 3.6 V
2.1
3.8
5.7
1.7
6.4
7.1
ns
CL = 15 pF
tpd
propagation delay
A to Y; see Figure 7
[2]
VCC = 0.8 V
-
29.0
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.9
7.4
16.3
3.6
18.4
20.2
ns
VCC = 1.4 V to 1.6 V
3.0
5.1
9.4
2.5
11.1
12.3
ns
VCC = 1.65 V to 1.95 V
2.2
4.2
7.2
2.1
8.7
9.6
ns
VCC = 2.3 V to 2.7 V
2.0
3.5
5.4
1.9
6.5
7.2
ns
VCC = 3.0 V to 3.6 V
2.0
3.3
4.9
1.9
5.7
6.4
ns
ten
enable time
OE to Y; see Figure 8
[3]
VCC = 0.8 V
-
77.8
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.0
8.2
18.2
3.6
20.4
22.5
ns
VCC = 1.4 V to 1.6 V
3.0
5.6
10.3
2.5
12.2
13.4
ns
VCC = 1.65 V to 1.95 V
2.3
4.6
7.9
2.1
9.5
10.5
ns
VCC = 2.3 V to 2.7 V
2.1
3.9
6.0
2.0
7.2
7.9
ns
VCC = 3.0 V to 3.6 V
2.1
3.6
5.5
1.9
6.4
7.1
ns
tdis
disable time
OE to Y; see Figure 8
[4]
VCC = 0.8 V
-
62.5
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.3
6.6
10.4
3.6
11.6
12.8
ns
VCC = 1.4 V to 1.6 V
3.0
5.0
7.4
2.5
8.4
9.3
ns
VCC = 1.65 V to 1.95 V
3.0
5.3
7.8
2.1
8.7
9.7
ns
VCC = 2.3 V to 2.7 V
2.1
3.8
5.7
2.0
6.4
7.1
ns
VCC = 3.0 V to 3.6 V
2.9
5.0
7.4
1.9
8.3
9.1
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)


유사한 부품 번호 - 74AUP1G240

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G240 NXP-74AUP1G240 Datasheet
107Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
logo
Nexperia B.V. All right...
74AUP1G240 NEXPERIA-74AUP1G240 Datasheet
296Kb / 20P
   Low-power inverting buffer/line driver; 3-state
Rev. 7 - 20 January 2022
logo
Texas Instruments
74AUP1G240DBVRE4 TI-74AUP1G240DBVRE4 Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
74AUP1G240DBVRG4 TI-74AUP1G240DBVRG4 Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
74AUP1G240DBVTE4 TI-74AUP1G240DBVTE4 Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
More results

유사한 설명 - 74AUP1G240

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G240 NXP-74AUP1G240 Datasheet
107Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240 PHILIPS-74AUP1G240_15 Datasheet
371Kb / 23P
   Low-power inverting buffer/line driver; 3-state
Rev. 4-29 June 2012
logo
Nexperia B.V. All right...
74AUP1G240 NEXPERIA-74AUP1G240 Datasheet
296Kb / 20P
   Low-power inverting buffer/line driver; 3-state
Rev. 7 - 20 January 2022
logo
NXP Semiconductors
74AUP2G240 PHILIPS-74AUP2G240_15 Datasheet
298Kb / 25P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 8-24 January 2013
74AUP2G240 NXP-74AUP2G240 Datasheet
116Kb / 20P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 04-30 June 2009
logo
Nexperia B.V. All right...
74AUP2G240 NEXPERIA-74AUP2G240 Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
logo
NXP Semiconductors
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
   Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
logo
Nexperia B.V. All right...
74AHCT240-Q100 NEXPERIA-74AHCT240-Q100 Datasheet
805Kb / 15P
   Octal buffer/line driver; inverting 3-state
logo
NXP Semiconductors
74HC_HCT366 PHILIPS-74HC_HCT366_15 Datasheet
150Kb / 21P
   Hex buffer/line driver; 3-state; inverting
Rev. 4-4 September 2012
logo
Nexperia B.V. All right...
74HC540 NEXPERIA-74HC540 Datasheet
268Kb / 15P
   Octal buffer/line driver; 3-state; inverting
Rev. 6 - 19 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com