전자부품 데이터시트 검색엔진 |
|
GTL2007 데이터시트(PDF) 1 Page - NXP Semiconductors |
|
GTL2007 데이터시트(HTML) 1 Page - NXP Semiconductors |
1 / 19 page 1. General description The GTL2007 is a customized translator between dual Xeon processors, Platform Health Management, South Bridge and Power Supply LVTTL and GTL signals. The GTL2007 is derived from the GTL2006 with an enable function added that disables the error output to the monitoring agent for platforms that monitor the individual error conditions from each processor. This enable function can be used so that false error conditions are not passed to the monitoring agent when the system is unexpectedly powered down. This unexpected power-down could be from a power supply overload, a CPU thermal trip, or some other event of which the monitoring agent is unaware. A typical implementation would be to connect each enable line to the system power good signal or the individual enables to the VRD power good for each processor. The Nocona and Dempsey/Blackford Xeon processors specify a VTT of 1.2 V and 1.1 V, as well as a nominal Vref of 0.76 V and 0.73 V respectively. To allow for future voltage level changes that may extend Vref to 0.63 of VTT (minimum of 0.693 V with VTT of 1.1 V) the GTL2009 allows a minimum Vref of 0.66 V. Characterization results show that there is little DC or AC performance variation between these levels. The GTL2007 is the companion chip to the GTL2009 3-bit GTL Front-Side Bus frequency comparator that is used in dual-processor Xeon applications. 2. Features s Operates as a GTL to LVTTL sampling receiver or LVTTL to GTL driver s 3.0 V to 3.6 V operation s LVTTL I/O not 5 V tolerant s Series termination on the LVTTL outputs of 30 Ω s ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115, and 1000 V CDM per JESD22-C101 s Latch-up testing is done to JEDEC Standard JESD78 which exceeds 500 mA s Package offered: TSSOP28 GTL2007 13-bit GTL to LVTTL translator with power good control Rev. 01 — 2 June 2005 Product data sheet |
유사한 부품 번호 - GTL2007 |
|
유사한 설명 - GTL2007 |