전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7938BSU-6 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD7938BSU-6
상세설명  8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7938BSU-6 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD7938BSU-6 Datasheet HTML 4Page - Analog Devices AD7938BSU-6 Datasheet HTML 5Page - Analog Devices AD7938BSU-6 Datasheet HTML 6Page - Analog Devices AD7938BSU-6 Datasheet HTML 7Page - Analog Devices AD7938BSU-6 Datasheet HTML 8Page - Analog Devices AD7938BSU-6 Datasheet HTML 9Page - Analog Devices AD7938BSU-6 Datasheet HTML 10Page - Analog Devices AD7938BSU-6 Datasheet HTML 11Page - Analog Devices AD7938BSU-6 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD7938-6
Rev. 0 | Page 8 of 32
Pin No
Mnemonic
Function
21
AGND
Analog Ground. This is the ground reference point for all analog circuitry on the AD7938-6. All analog
input signals and any external reference signal should be referred to this AGND voltage. The AGND and
DGND voltages should ideally be at the same potential and must not be more than 0.3 V apart, even on a
transient basis.
22
VREFIN/VREFOUT
Reference Input/Output. This pin is connected to the internal reference and is the reference source for the
ADC. The nominal internal reference voltage is 2.5 V and this appears at this pin. This pin can be overdriven by
an external reference. The input voltage range for the external reference is 0.1 V to VDD; however, care must be
taken to ensure that the analog input range does not exceed VDD + 0.3 V. See the Reference Section.
23 to 30
VIN0 to VIN7
Analog Input 0 to Analog Input 7. Eight analog input channels that are multiplexed into the on-chip track-and-
hold. The analog inputs can be programmed to be eight single-ended inputs, four fully differential pairs, four
pseudo-differential pairs, or seven pseudo-differential inputs by setting the MODE bits in the control register
appropriately (see Table 8). The analog input channel to be converted can either be selected by writing to the
address bits (ADD2 to ADD0) in the control register prior to the conversion or the on-chip sequencer can be
used. The SEQ and SHDW bits in conjunction with the address bits in the control register allow the shadow
register to be programmed. The input range for all input channels can either be 0 V to VREF or 0 V to 2 × VREF, and
the coding can be binary or twos complement, depending on the states of the RANGE and CODING bits in the
control register. Any unused input channels should be connected to AGND to avoid noise pickup.
31
VDD
Power Supply Input. The VDD range for the AD7938-6 is 2.7 V to 5.25 V. The supply should be decoupled to
AGND with a 0.1 µF capacitor and a 10 µF tantalum capacitor.
32
W/B
Word/Byte Input. When this input is logic high, data is transferred to and from the AD7938-6 in 12-bit words on
Pins DB0 to DB11. When this pin is logic low, byte transfer mode is enabled. Data and the channel ID are
transferred on Pins DB0 to DB7, and Pin DB8/HBEN assumes its HBEN functionality. Unused data lines when
operating in byte transfer mode should be tied off to DGND.


유사한 부품 번호 - AD7938BSU-6

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7938BSU AD-AD7938BSU Datasheet
1Mb / 32P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrN
AD7938BSUZ AD-AD7938BSUZ Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938BSUZ AD-AD7938BSUZ Datasheet
629Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
AD7938BSUZ-6 AD-AD7938BSUZ-6 Datasheet
819Kb / 33P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
AD7938BSUZ-6REEL7 AD-AD7938BSUZ-6REEL7 Datasheet
819Kb / 33P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
More results

유사한 설명 - AD7938BSU-6

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7938-6 AD-AD7938-6_17 Datasheet
819Kb / 33P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
AD7938-6 AD-AD7938-6_15 Datasheet
599Kb / 32P
   8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
REV. C
AD7934-6 AD-AD7934-6 Datasheet
750Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. A
AD7934-6 AD-AD7934-6_15 Datasheet
711Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. B
AD7934-6 AD-AD7934-6_17 Datasheet
617Kb / 29P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
AD7938BSUZ AD-AD7938BSUZ Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938 AD-AD7938_17 Datasheet
629Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
AD7938 AD-AD7938 Datasheet
1Mb / 32P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrN
AD7938 AD-AD7938_15 Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7939 AD-AD7939_15 Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com