전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM62U256DLGI-8L 데이터시트(PDF) 4 Page - Samsung semiconductor

부품명 KM62U256DLGI-8L
상세설명  32Kx8 bit Low Power and Low Voltage CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM62U256DLGI-8L 데이터시트(HTML) 4 Page - Samsung semiconductor

  KM62U256DLGI-8L Datasheet HTML 1Page - Samsung semiconductor KM62U256DLGI-8L Datasheet HTML 2Page - Samsung semiconductor KM62U256DLGI-8L Datasheet HTML 3Page - Samsung semiconductor KM62U256DLGI-8L Datasheet HTML 4Page - Samsung semiconductor KM62U256DLGI-8L Datasheet HTML 5Page - Samsung semiconductor KM62U256DLGI-8L Datasheet HTML 6Page - Samsung semiconductor KM62U256DLGI-8L Datasheet HTML 7Page - Samsung semiconductor KM62U256DLGI-8L Datasheet HTML 8Page - Samsung semiconductor KM62U256DLGI-8L Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
KM62V256D, KM62U256D Family
CMOS SRAM
Revision 1.0
November 1997
4
RECOMMENDED DC OPERATING CONDITIONS1)
Note:
1. Commercial Product : TA=0 to 70
°C, otherwise specified
Industrial Product : TA=-40 to 85
°C, otherwise specified
2. Overshoot : VCC+3.0V in case of pulse width≤30ns
3. Undershoot : -3.0V in case of pulse width
≤30ns
4. Overshoot and undershoot are sampled, not 100% tested
Item
Symbol
Product
Min
Typ
Max
Unit
Supply voltage
Vcc
KM62V256D Family
3.0
3.3
3.6
V
KM62U256D Family
2.7
3.0
3.3
Ground
Vss
ALL
0
0
0
V
Input high voltage
VIH
KM62V256D, KM62U256D Family
2.2
-
Vcc+0.3
V
Input low voltage
VIL
KM62V256D, KM62U256D Family
-0.33)
-
0.6
V
CAPACITANCE1) (f=1MHz, TA=25
°C)
1. Capacitance is sampled, not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=0V
-
8
pF
Input/Output capacitance
CIO
VIO=0V
-
10
pF
DC AND OPERATING CHARACTERISTICS
Item
Symbol
Test Conditions
Min
Typ
Max
Unit
Input leakage current
ILI
VIN=Vss to Vcc
-1
-
1
µA
Output leakage current
ILO
CS=VIH or OE=VIH or WE=VIL, VIO=VSS to Vcc
-1
-
1
µA
Operating power supply current
ICC
IIO=0mA, CS=VIL, VIN=VIH or VIL, Read
-
2
5
mA
Average operating current
ICC1
Cycle time=1
µs, 100% duty, IIO=0mA
CS
≤0.2V, VIN≤0.2V, VIN≥Vcc -0.2V
Read
-
1.5
5
mA
Write
6
10
ICC2
Cycle time=Min,100% duty, IIO=0mA, CS=VIL, VIN=VIH or VIL
-
23
35
mA
Output low voltage
VOL
IOL=2.1mA
-
-
0.4
V
Output high voltage
VOH
IOH=-1.0mA
2.4
-
-
V
Standby Current(TTL)
ISB
CS=VIH, Other inputs=VIH or VIL
-
-
0.3
mA
Standby Current (CMOS)
ISB1
CS
≥Vcc-0.2V, Other inputs=0~Vcc
-
0.1
5
µA


유사한 부품 번호 - KM62U256DLGI-8L

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM62U256CLG-10L SAMSUNG-KM62U256CLG-10L Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256CLG-8L SAMSUNG-KM62U256CLG-8L Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256CLRG-10L SAMSUNG-KM62U256CLRG-10L Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256CLRG-8L SAMSUNG-KM62U256CLRG-8L Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256CLTG-10L SAMSUNG-KM62U256CLTG-10L Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
More results

유사한 설명 - KM62U256DLGI-8L

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
logo
NanoAmp Solutions, Inc.
ES62UL256 NANOAMP-ES62UL256 Datasheet
57Kb / 6P
   32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Samsung semiconductor
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com