전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QBA-12N 데이터시트(PDF) 2 Page - Mini-Circuits

부품명 QBA-12N
부품 상세설명  POWER SPLITTERS/COMBINERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MINI [Mini-Circuits]
홈페이지  http://www.minicircuits.com
Logo MINI - Mini-Circuits

QBA-12N 데이터시트(HTML) 2 Page - Mini-Circuits

  QBA-12N Datasheet HTML 1Page - Mini-Circuits QBA-12N Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Design Engineers Search Engine
Provides Actual Data Instantly
At:
http://www.minicircuits.com
In Stock... Immediate Delivery
For Custom Versions Of Standard Models
Consult Our Applications Dept.
Mini-Circuits
®
®
127
ISOLATION
dB
F
F
F
F
FINSERTION LOSS, dB
Avg. of Coupled
Outputs less 3 dB
PHASE
UNBALANCE
Degrees
f
L-fU
AMPLITUDE
UNBALANCE
dB
FREQ.
RANGE
MHz
C
O
N
N
E
C
T
I
O
N
CASE
STYLE
Qty.
(10-49)
PRICE
$
Note B
Typ.
Min.
Max.
Max.
MODEL
NO.
u
u
u
u
u
features
l
low insertion loss, 0.25 dB typ. (QBA-12N)
l
high power capability (50 watts for QBA-12N)
l
high isolation, 28 dB typ. (QBA-12N)
l
ceramic body, good for heat dissipation
l
solder plated leads for excellent solderability
l
QBA-07, hermetically sealed
applications
l
cellular
l
instrumentation
l
PCN
pin connections
see case style outline drawings
PORT
lf
SUM PORT
1
PORT 1
10(0°)
PORT 2
6(-90°)
GND EXT.
2,3,4,7,8,9
50 OHM TERM.
5
NOT USED
DEMO BOARD
TB-115
NOTES:
u
QBA models, aqueous washable.
*
BLUE CELL™ power splitters protected by U.S. Patents 5534830 & 5640699
A.
Environmental specifications and re-flow soldering information available in
General Information Section.
B.
Units are non-hermetic unless otherwise noted. For details on case dimensions & finishes
see “Case Styles & Outline Drawings”.
C.
Prices and Specifications subject to change without notice.
1.
Absolute maximum power, voltage and current ratings:
1a. Matched power rating, as splitters
QBA-07, 21W max. (340-680 MHz) below 25°C. Derate linearly to 9W at 100°C.
27W max. (340-530 MHz) below 25°C. Derate linearly to 12W at 100°C.
QBA-12N/-12, 50W max. below 25°C. Derate linearly to 10W at 85°C.
QBA-20/-20W, 25W max. below 25°C. Derate linearly to 5W at 85°C.
QBA-24/-24W, 20W max. below 25°C. Derate linearly to 4W at 85°C.
QBA-07
340-680
22
16
0.8
0.8
0.1
7.0
2.0
SM1L
lf
004
6.95
340-530
23
18
0.5
0.5
0.1
4.0
2.0
QBA-12N*
800-900
28
20
0.25
0.30
.02
3.0
1.0
SM33
lf
004
6.95
QBA-12*
800-1200
23
14
0.25
0.44
.02
6.0
1.2
SM33
lf
004
6.95
QBA-20*
1800-2000
23
18
0.47
0.54
.02
4.0
0.7
SM33
lf
004
6.95
QBA-20W*
1500-2200
23
16
0.41
0.58
.02
5.0
1.2
SM33
lf
004
6.95
QBA-24*
1900-2400
21
17
0.54
0.71
.02
6.0
0.8
SM33
lf
004
6.95
QBA-24W*
1700-2400
21
15
0.49
0.71
.02
6.0
1.2
SM33
lf
004
6.95
F Includes test fixture losses.
σσσσσ
_
x
fL
_
x
fU
340 MHz to 2400 MHz
QBA (SM33)
Surface Mount
QBA (SM1L)
PCB
Lay-
out
PL-


유사한 부품 번호 - QBA-12N

제조업체부품명데이터시트부품 상세설명
List of Unclassifed Manufacturers
List of Unclassifed Man...
QBAD54AG1 ETC2-QBAD54AG1 Datasheet
505Kb / 10P
   Alphanumeric Display
QBAD54AG1 ETC1-QBAD54AG1 Datasheet
505Kb / 10P
   Alphanumeric Display
QBAD54R1 ETC2-QBAD54R1 Datasheet
505Kb / 10P
   Alphanumeric Display
QBAD54R1 ETC1-QBAD54R1 Datasheet
505Kb / 10P
   Alphanumeric Display
QBAD54Y1 ETC2-QBAD54Y1 Datasheet
505Kb / 10P
   Alphanumeric Display
More results

유사한 설명 - QBA-12N

제조업체부품명데이터시트부품 상세설명
Mini-Circuits
Mini-Circuits
SBTCJ-1W MINI-SBTCJ-1W Datasheet
90Kb / 2P
   POWER SPLITTERS/COMBINERS
PSC-4-1 MINI-PSC-4-1 Datasheet
82Kb / 2P
   POWER SPLITTERS/COMBINERS
K1-SCG MINI-K1-SCG Datasheet
566Kb / 1P
   Power Splitters & Combiners
REV. OR
JCPS-8-10 MINI-JCPS-8-10 Datasheet
85Kb / 2P
   POWER SPLITTERS/COMBINERS
SCN-SERIES MINI-SCN-SERIES Datasheet
194Kb / 2P
   Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz
ZX10-4-SERIES MINI-ZX10-4-SERIES Datasheet
290Kb / 2P
   Power Splitters/Combiners 4 Way-0째 50??800 to 2700 MHz
ZX10-SERIES MINI-ZX10-SERIES Datasheet
136Kb / 1P
   Power Splitters/Combiners 2 Way-0째, 50??2 to 12600 MHz
QCN-SERIES MINI-QCN-SERIES Datasheet
143Kb / 3P
   Ultra-Small Ceramic Power Splitters/Combiners 2 Way-90째 50??330 to 3400 MHz
K1-QCN MINI-K1-QCN Datasheet
279Kb / 1P
   POWER SPLITTER/COMBINERS
K1-ZX10 MINI-K1-ZX10 Datasheet
280Kb / 1P
   POWER SPLITTER/COMBINERS
More results


Html Pages

1  2 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz