์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TPA5051 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - Texas Instruments

Click here to check the latest version.
๋ถ€ํ’ˆ๋ช… TPA5051
์ƒ์„ธ๋‚ด์šฉ  FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  TI [Texas Instruments]
ํ™ˆํŽ˜์ด์ง€  http://www.ti.com
Logo 

TPA5051 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
/ 19 page
 3 / 19 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
DATA1
BCLK1
LRCLK1
INPUT
BUFFER
OUTPUT
BUFFER
DATA_OUT1
CONTROL
2
3
I C
2
ADDx(2:0)
DELAY
MEMORY
DELAY
MEMORY
DATA2
BCLK2
LRCLK2
DATA_OUT2
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
TPA5051
SLOS497A โ€“ JUNE 2006 โ€“ REVISED JULY 2006
over operating free-air temperature (unless otherwise noted) (1)
VALUE
UNIT
VDD
Supply voltage
โ€“0.3 to 3.6
V
VI
Input voltage
DATA, LRCLK, BCLK, SCL, SDA, ADD[2:0]
โ€“0.3 to 5.5
V
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
โ€“40 to 85
ยฐC
TJ
Operating junction temperature range
โ€“40 to 125
ยฐC
Tstg
Storage temperature range
โ€“65 to 125
ยฐC
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
ยฐC
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operations of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
TAโ‰ค 25ยฐC
DERATING
TA = 70ยฐC
TA = 85ยฐC
POWER RATING
FACTOR
POWER RATING
POWER RATING
RSA
2.5 W
25 mW/
ยฐC
1.375 W
1.0 W
(1)
This data was taken using 1 oz trace copper and copper pad that is soldered directly to a JEDEC standard high-k PCB. The thermal pad
must be soldered to a thermal land on the printed-circuit board. See TI technical briefs SCBA01D and SLUA271 for more information
about using the QFN thermal pad.
MIN
MAX
UNIT
VDD
Supply voltage
VDD
3
3.6
V
VIH
High-level input voltage
DATA1, DATA2, LRCLK1, LRCLK2, BCLK1, BCLK2, SCL, SDA,
2
V
ADD[2:0]
VIL
Low-level input voltage
DATA1, DATA2, LRCLK1, LRCLK2, BCLK1, BCLK2, SCL, SDA,
0.8
V
ADD[2:0]
TA
Operating free-air temperature
โ€“40
85
ยฐC
3
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn