전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SSP-T 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

부품명 SSP-T
상세내용  Surface Mount Quartz Crystal Units for Low Frequencies
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo 

SSP-T 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
9
SSP-T Series (SSP-T5)
Item
Nominal Frequency
Frequency Tolerance
Turnover Temperature
Temperature Coefficient
Load Capacitance
Equivalent Series Resistance
Maximum Drive Level
Drive Level
Shunt Capacitance
Aging
Operating Temperature Range
Storage Temperature Range
Reflow Profile
Symbol
fo
f/fo
Tp
K
CL
R1
DLmax
DL
C0
f/fo
Tope
Tsto
Tsol
Specification
32.768kHz
±20ppm
+25°C±5°C
(-3.5±0.8) x 10-8/°C2
12.5pF
50k max.
1
µW
0.1
µW
0.9pF typ
±3ppm max.
-20°C~+70°C
-40°C~+125°C
230°C max. 20sec. x 2 times
Conditions / Note
Can be used in high accurate products
+25°C±3°C, First Year
IR Reflow
Conditions without notice (Temperature: +25°C±2°C)
9.02 MAX.
0.75
1#
3#
2#
0.75
UNIT: mm
Surface Mount Quartz Crystal Units for Low Frequencies
New
Product
FEATURES
• This type with height 2.1mm Max.
• Small mounting area of 23.4mm2.
• SMD type suitable for automatic & high density sur-
face mounting.
• Plastic mold package containing highly reliable tubu-
lar type quartz crystal.
• Excellent shock and heat resistance.
APPLICATIONS
• Cellular Phones, Pagers, Radio Communication Equip-
ment, Portable Applications etc.
STANDARD SPECIFICATION
DIMENSIONS (For details, please refer to individual specification)


Html Pages

1  2 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn