전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS7920 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 TS7920
상세설명  For Inverter Lighting Equipment
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TS7920 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  TS7920 Datasheet HTML 1Page - Sanyo Semicon Device TS7920 Datasheet HTML 2Page - Sanyo Semicon Device TS7920 Datasheet HTML 3Page - Sanyo Semicon Device TS7920 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TS7920
No.6921-1/4
NPN Triple Diffused Planar Silicon Transistor
Features
Best suited for push-pull inverter circuit.
High breakdown voltage (VCBO=1200V).
High reliability (Adoption of HVP process).
Adoption of MBIT process.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
1200
V
Collector-to-Emitter Voltage
VCEO
600
V
Emitter-to-Base Voltage
VEBO
9V
Collector Current
IC
4A
Collector Current (Pulse)
ICP
8A
Collector Dissipation
PC
1.75
W
Tc=25
°C70
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=600V, IE=0
10
µA
Collector Cutoff Current
ICES
VCE=1200V, RBE=0
1.0
mA
Collector Sustain Voltage
VCEO(sus)
IC=100mA, IB=0
600
V
Emitter Cutoff Current
IEBO
VEB=9V, IC=0
1.0
mA
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN6921
TS7920
Package Dimensions
unit : mm
2010C
[TS7920]
52101 TS IM TA-3205
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
For Inverter Lighting Equipment
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-220
10.2
5.1
3.6
1.2
0.8
1.3
4.5
0.4
2.55
2.55
12
3


유사한 부품 번호 - TS7920

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS7924ACM TSC-TS7924ACM Datasheet
156Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
TS7924ACZ TSC-TS7924ACZ Datasheet
156Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
TS7924CI TSC-TS7924CI Datasheet
171Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
TS7924CZ TSC-TS7924CZ Datasheet
171Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
More results

유사한 설명 - TS7920

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SC5417LS SANYO-2SC5417LS Datasheet
44Kb / 4P
   Inverter Lighting Applications
2SC5416 SANYO-2SC5416 Datasheet
46Kb / 4P
   Inverter Lighting Applications
2SC5417 SANYO-2SC5417 Datasheet
46Kb / 4P
   Inverter Lighting Applications
2SC5305LS SANYO-2SC5305LS Datasheet
42Kb / 4P
   Inverter Lighting Applications
2SC5420 SANYO-2SC5420 Datasheet
41Kb / 4P
   Inverter Lighting Applications
2SC5264LS SANYO-2SC5264LS Datasheet
42Kb / 4P
   Inverter Lighting Applications
2SC5304LS SANYO-2SC5304LS Datasheet
43Kb / 4P
   Inverter Lighting Applications
logo
Toshiba Semiconductor
2SC5550 TOSHIBA-2SC5550_04 Datasheet
152Kb / 5P
   High-Speed Switching Application for Inverter Lighting
2SC5549 TOSHIBA-2SC5549_04 Datasheet
150Kb / 5P
   High-Speed Switching Application for Inverter Lighting
logo
Schaffner International...
FN-2580 SCHAFFNER-FN-2580 Datasheet
278Kb / 3P
   EMC/EMI line filter for lighting equipment
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com