전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS7920 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 TS7920
상세설명  For Inverter Lighting Equipment
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TS7920 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  TS7920 Datasheet HTML 1Page - Sanyo Semicon Device TS7920 Datasheet HTML 2Page - Sanyo Semicon Device TS7920 Datasheet HTML 3Page - Sanyo Semicon Device TS7920 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TS7920
No.6921-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
DC Current Gain
hFE1VCE=5V, IC=0.3A
30
40
50
hFE2VCE=5V, IC=1.5A
10
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=2.0A, IB=0.4A
1.0
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=2.0A, IB=0.4A
1.5
V
Storage Time
tstg
IC=2.0A, IB1=0.4A, IB2=--0.8A
2.5
µs
Fall Time
tf
IC=2.0A, IB1=0.4A, IB2=--0.8A
0.15
µs
Switching Time Test Circuit
ITR08010
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
VCE=5V
ITR08011
hFE -- IC
Collector Current, IC -- A
VCE=5V
Ta=120°C
25°C
--40°C
ITR08008
ITR08009
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IB=0
VCE(sat) -- IC
Collector Current, IC -- A
IC / IB=5
Ta= --40
°C
25
°C
120°C
0.8A
0.6A
0.4A
0.2A
1.8A
2.0A
1.6A
1.4A
1.2A
1.0A
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
1
2
4
5
3
10
100
35
35
3
5
72
0.1
72
1.0
7
2
3
5
7
5
7
2
3
02468
10
0
2
4
6
8
0.1
23
2
5
35
3
5
7
1.0
77
0.1
1.0
5
3
5
7
7
2
5
3
7
2
RC
VOUT
0.9 VOUT
VOUT
tstg tf
0.1 VOUT
IB1
IB1
IB2
VCC
IB2


유사한 부품 번호 - TS7920

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS7924ACM TSC-TS7924ACM Datasheet
156Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
TS7924ACZ TSC-TS7924ACZ Datasheet
156Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
TS7924CI TSC-TS7924CI Datasheet
171Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
TS7924CZ TSC-TS7924CZ Datasheet
171Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
More results

유사한 설명 - TS7920

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SC5417LS SANYO-2SC5417LS Datasheet
44Kb / 4P
   Inverter Lighting Applications
2SC5416 SANYO-2SC5416 Datasheet
46Kb / 4P
   Inverter Lighting Applications
2SC5417 SANYO-2SC5417 Datasheet
46Kb / 4P
   Inverter Lighting Applications
2SC5305LS SANYO-2SC5305LS Datasheet
42Kb / 4P
   Inverter Lighting Applications
2SC5420 SANYO-2SC5420 Datasheet
41Kb / 4P
   Inverter Lighting Applications
2SC5264LS SANYO-2SC5264LS Datasheet
42Kb / 4P
   Inverter Lighting Applications
2SC5304LS SANYO-2SC5304LS Datasheet
43Kb / 4P
   Inverter Lighting Applications
logo
Toshiba Semiconductor
2SC5550 TOSHIBA-2SC5550_04 Datasheet
152Kb / 5P
   High-Speed Switching Application for Inverter Lighting
2SC5549 TOSHIBA-2SC5549_04 Datasheet
150Kb / 5P
   High-Speed Switching Application for Inverter Lighting
logo
Schaffner International...
FN-2580 SCHAFFNER-FN-2580 Datasheet
278Kb / 3P
   EMC/EMI line filter for lighting equipment
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com