전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CRD5381 데이터시트(PDF) 4 Page - Cirrus Logic

부품명 CRD5381
상세설명  Audio A/D Converter w/ Asynchronous Decimation Filter Reference Design
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CRD5381 데이터시트(HTML) 4 Page - Cirrus Logic

  CRD5381 Datasheet HTML 1Page - Cirrus Logic CRD5381 Datasheet HTML 2Page - Cirrus Logic CRD5381 Datasheet HTML 3Page - Cirrus Logic CRD5381 Datasheet HTML 4Page - Cirrus Logic CRD5381 Datasheet HTML 5Page - Cirrus Logic CRD5381 Datasheet HTML 6Page - Cirrus Logic CRD5381 Datasheet HTML 7Page - Cirrus Logic CRD5381 Datasheet HTML 8Page - Cirrus Logic CRD5381 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
DS563RD1
CRD5381
1. SYSTEM OVERVIEW
1.1
Sample Clock Domain
1.1.1
CS8421 Input Operational Mode
Serial Audio Interface - Left-Justified. The selection of the serial audio interface format is arbitrary, assuming
the serial input format of the CS8421 is in agreement with the serial output format of the CS5381. The se-
lection of the serial audio format is done by connecting a resistor (1.96 k
Ω in this application) to either ground
or the VL supply.
System Clocking - Master mode, LRCK = MCLK/128. In this mode, the CS8421 generates the Serial and
Left/Right clocks within the sampling clock domain. This mode is selected by the resistor connected to the
MS_SEL pin of the CS8421. In this application the MS_SEL pin is connected to ground (equivalent to con-
necting a 1 k
Ω resistor to ground).
1.1.2
CS5381 Operational Mode
Serial Audio Interface - Left-Justified. The selection of the serial audio interface format is arbitrary, assuming
the input format of the CS8421 is in agreement with the output format of the CS5381.
System Clocking - Slave mode. In this application the CS8421 generates the serial and Left/Right clocks
within the sampling clock domain.
Operational Mode or Sample Rate Range - Configured for Quad-Speed Mode to support sample rates
above 100 kHz.
High Pass Filter - Enabled
Master Clock Divide - Enabled to divide the master clock by 2.
1.1.3
Master Clock Frequency Generation
The CS8421 uses the clock supplied through its XTI pin as its master clock (MCLK). The CS5381 also uses
this signal as its master clock (through the MCLK pin). Alternatively, the CS8421 can generate a master
clock (via the MCLK_OUT pin) by connecting a crystal across its XTI-XTO pins, which can supply a MCLK
to the CS5381.
In this application, MCLK_OUT pin is not being used and is pulled high through a 47 k
Ω resistor to VL to
disable it. If a crystal is not being used, as with the crystal oscillator in this application, XTO should be left
unconnected or pulled low through a 47 k
Ω resistor to ground.
1.1.4
Maximum Sample Rate
The maximum sample rate is limited by the maximum allowable master clock frequency of the CS8421,
which is 27 MHz. The sample rate is this clock frequency divided by 128. This corresponds to a maximum
sample rate of 210.937 kHz within the sample clock domain. In this application, we have chosen a master
clock frequency of 25 MHz, which corresponds to a sample rate of approximately 195.312 kHz
1.1.5
Synchronization of Multiple Sections
In this application multiple CS8421 inputs are set to master mode, and it is important that their serial ports
be aligned in time, with minimum possible phase error. To achieve this, their reset signals are tied together
and routed for minimum skew. The amount of deviation between ILRCKs generated by the respective parts
is typically either 0 or 1 master clock period, or between 0 and 40 ns.


유사한 부품 번호 - CRD5381

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CRD5376 CIRRUS-CRD5376 Datasheet
3Mb / 68P
   Multichannel Seismic Reference Design
More results

유사한 설명 - CRD5381

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3492 NSC-LM3492 Datasheet
607Kb / 8P
   Evaluation Board Reference Design integrates a boost converter
logo
Holtek Semiconductor In...
HT82V731 HOLTEK-HT82V731 Datasheet
68Kb / 7P
   Audio D/A Converter
logo
Cirrus Logic
CRD1500-90WLLC CIRRUS-CRD1500-90WLLC Datasheet
101Kb / 1P
   CS1500 90W, High-efficiency PFC w/ LLC Resonant Converter Reference Design
logo
Sony Corporation
CXD2564AM SONY-CXD2564AM Datasheet
885Kb / 13P
   1-bit Audio D/A Converter (with Digital Filter)
logo
Cirrus Logic
CRD44600 CIRRUS-CRD44600 Datasheet
1Mb / 32P
   Stereo 100 W PWM Amplifier Reference Design
logo
Nippon Precision Circui...
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
   Digital Audio D/A Converter
logo
Filtronic Compound Semi...
FRD3500X230 FILTRONIC-FRD3500X230 Datasheet
350Kb / 5P
   3.5 GHZ WIMAX REFERENCE DESIGN (1 W)
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653_06 Datasheet
244Kb / 2P
   300 W 80 PLUS ATX Reference Design
Rev. 2, Oct-2006
logo
Burr-Brown (TI)
DF1750 BURR-BROWN-DF1750 Datasheet
222Kb / 13P
   Dual Channel DIGITAL DECIMATION FILTER
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com