전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2576T-15 데이터시트(PDF) 1 Page - Motorola, Inc

부품명 LM2576T-15
상세설명  Easy Switcher 3.0A Step-Down Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2576T-15 데이터시트(HTML) 1 Page - Motorola, Inc

  LM2576T-15 Datasheet HTML 1Page - Motorola, Inc LM2576T-15 Datasheet HTML 2Page - Motorola, Inc LM2576T-15 Datasheet HTML 3Page - Motorola, Inc LM2576T-15 Datasheet HTML 4Page - Motorola, Inc LM2576T-15 Datasheet HTML 5Page - Motorola, Inc LM2576T-15 Datasheet HTML 6Page - Motorola, Inc LM2576T-15 Datasheet HTML 7Page - Motorola, Inc LM2576T-15 Datasheet HTML 8Page - Motorola, Inc LM2576T-15 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Device
Operating
Temperature Range
Package
LM2576
EASY SWITCHER
3.0 A STEP–DOWN
VOLTAGE REGULATOR
ORDERING INFORMATION
LM2576T–XX
LM2576TV–XX
TJ = –40° to +125°C
Straight Lead
Vertical Mount
D2T SUFFIX
PLASTIC PACKAGE
CASE 936A
(D2PAK)
Order this document by LM2576/D
T SUFFIX
PLASTIC PACKAGE
CASE 314D
TV SUFFIX
PLASTIC PACKAGE
CASE 314B
LM2576D2T–XX
Surface Mount
XX = Voltage Option, i.e. 3.3, 5, 12, 15 V; and ADJ for
Adjustable Output.
SEMICONDUCTOR
TECHNICAL DATA
1
5
1
5
1
5
DEVICE TYPE/NOMINAL OUTPUT VOLTAGE
LM2576–3.3
LM2576–5
LM2576–12
LM2576–15
LM2576–ADJ
3.3 V
5.0 V
12 V
15 V
1.23 V to 37 V
Pin 1. Vin
2. Output
3. Ground
4. Feedback
5. ON/OFF
Heatsink surface
connected to Pin 3.
Heatsink surface (shown as terminal 6 in case outline
drawing) is connected to Pin 3.
1
MOTOROLA ANALOG IC DEVICE DATA
Easy Switcher™ 3.0 A
Step-Down Voltage Regulator
The LM2576 series of regulators are monolithic integrated circuits ideally
suited for easy and convenient design of a step–down switching regulator
(buck converter). All circuits of this series are capable of driving a 3.0 A load
with excellent line and load regulation. These devices are available in fixed
output voltages of 3.3 V, 5.0 V, 12 V, 15 V, and an adjustable output version.
These regulators were designed to minimize the number of external
components to simplify the power supply design. Standard series of
inductors optimized for use with the LM2576 are offered by several different
inductor manufacturers.
Since the LM2576 converter is a switch–mode power supply, its efficiency
is significantly higher in comparison with popular three–terminal linear
regulators, especially with higher input voltages. In many cases, the power
dissipated is so low that no heatsink is required or its size could be reduced
dramatically.
A standard series of inductors optimized for use with the LM2576 are
available from several different manufacturers. This feature greatly simplifies
the design of switch–mode power supplies.
The LM2576 features include a guaranteed
±4% tolerance on output
voltage within specified input voltages and output load conditions, and
±10%
on the oscillator frequency (
±2% over 0°C to 125°C). External shutdown is
included, featuring 80
µA (typical) standby current. The output switch
includes cycle–by–cycle current limiting, as well as thermal shutdown for full
protection under fault conditions.
Features
3.3 V, 5.0 V, 12 V, 15 V, and Adjustable Output Versions
Adjustable Version Output Voltage Range, 1.23 to 37 V ±4% Maximum
Over Line and Load Conditions
Guaranteed 3.0 A Output Current
Wide Input Voltage Range
Requires Only 4 External Components
52 kHz Fixed Frequency Internal Oscillator
TTL Shutdown Capability, Low Power Standby Mode
High Efficiency
Uses Readily Available Standard Inductors
Thermal Shutdown and Current Limit Protection
Applications
Simple High–Efficiency Step–Down (Buck) Regulator
Efficient Pre–Regulator for Linear Regulators
On–Card Switching Regulators
Positive to Negative Converter (Buck–Boost)
Negative Step–Up Converters
Power Supply for Battery Chargers
© Motorola, Inc. 1999
Rev 1, 07/1999


유사한 부품 번호 - LM2576T-15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2576T-15 NSC-LM2576T-15 Datasheet
491Kb / 11P
   Simple Switcher??3 Amp Step-Down Voltage Regulator
LM2576T-15 NSC-LM2576T-15 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2576T-15 ONSEMI-LM2576T-15 Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
List of Unclassifed Man...
LM2576T-15 ETC1-LM2576T-15 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
logo
Texas Instruments
LM2576T-15 TI1-LM2576T-15 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
More results

유사한 설명 - LM2576T-15

제조업체부품명데이터시트상세설명
logo
First Components Intern...
LM2576 FCI-LM2576 Datasheet
1,004Kb / 13P
   SMIPLE SWITCHER 3.0A Step-Down Voltage Regulator
logo
Texas Instruments
LMR10530 TI-LMR10530_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 5.5Vin, 3.0A Step-Down Voltage Regulator in WSON-10
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
National Semiconductor ...
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2574 TI1-LM2574_16 Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com