전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13077DW 데이터시트(PDF) 3 Page - Motorola, Inc

부품명 MC13077DW
상세설명  ADVANCED PAL/NTSC ENCODER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13077DW 데이터시트(HTML) 3 Page - Motorola, Inc

  MC13077DW Datasheet HTML 1Page - Motorola, Inc MC13077DW Datasheet HTML 2Page - Motorola, Inc MC13077DW Datasheet HTML 3Page - Motorola, Inc MC13077DW Datasheet HTML 4Page - Motorola, Inc MC13077DW Datasheet HTML 5Page - Motorola, Inc MC13077DW Datasheet HTML 6Page - Motorola, Inc MC13077DW Datasheet HTML 7Page - Motorola, Inc MC13077DW Datasheet HTML 8Page - Motorola, Inc MC13077DW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC13077
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (TA = 25°C, VCC = 5.0 Vdc)
Characteristic
Pin
Min
Typ
Max
Unit
Luma S–Video Output
Sync Amplitude
240
281
320
mVpp
Line–to–Line Sync Amplitude Deviation (PAL)
3
7.0
mV
Luminance Amplitude Error
(@ 75
10
%
Line–to–Line Luminance Amplitude Deviation (PAL)
load)
3.0
mVpp
Black Level
500
mV
Sync Tip Clamp Level above Ground
120
200
280
Chroma S–Video Output
Chrominance Amplitude Error
10
%
Line–to–Line Chrominance Amplitude Deviation (PAL)
4
< 14
mVpp
Chrominance Phase Error
(@ 75
10
Degrees
Black Level
load)
500
mV
Figure 1. Test Circuit
G
10
15
16
5
7
6
17
4
20
1
13
12
9
8
14
(R–Y) In
19
Divide by 512
Burst Flag Out/
Force Burst Flag
PAL Squarewave
Out/Force NTSC
Hsync
Latch
H/2
H
F/F PAL
PAL/
NTSC
Switch
Chroma
BPF
Chroma Out
Chroma In
Chroma
S–Video
Comp
Video
Luma
S–Video
3
2
Luma
Clamp
Sync In/
Sync Sep
Luma
Clamp
Sync
Input
R–Y
Clamp
B–Y
Clamp
Sync
B–Y
R–Y
B–Y Burst
Flag
R–Y Burst Flag
(B–Y) In
Luma Delay
Yout
Color
Difference
and
Luma
Matrix
B
G
R
R
LPF
PLL
Off
45
°
0
°
90
°
Countdown
Decoder
Burst
Flag
Adjust
3.58/4.43
Latch
Divide by Four
Ring Counter
4x fsc
Oscillator
4x Subcarrier In
Ground
11
VCC
18
1.0
µ
1.0
µ
1.0
µ
75
75
75
1.0 nF
1.0 k
1.2 k
1.2 k
1.1 k
10 nF
10 nF
10 nF
Yin
1.0
µF
75
75
75


유사한 부품 번호 - MC13077DW

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC13001X MOTOROLA-MC13001X Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13001XP MOTOROLA-MC13001XP Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13007X MOTOROLA-MC13007X Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13007XP MOTOROLA-MC13007XP Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
MC13017 MOTOROLA-MC13017 Datasheet
84Kb / 4P
   NTSC/PAL CHROMA 10 COLOR TV and TIMEBASE PROCESSOR
More results

유사한 설명 - MC13077DW

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
   NTSC/PAL Encoder
logo
Mitsubishi Electric Sem...
M51272P MITSUBISHI-M51272P Datasheet
693Kb / 13P
   NTSC/PAL ENCODER
M52390FP MITSUBISHI-M52390FP Datasheet
235Kb / 22P
   NTSC/PAL ENCODER
logo
NXP Semiconductors
TDA8501 PHILIPS-TDA8501 Datasheet
238Kb / 30P
   PAL/NTSC encoder
April 1993
logo
Intersil Corporation
HMP8156 INTERSIL-HMP8156_03 Datasheet
654Kb / 33P
   NTSC/PAL Encoder
HMP8156 INTERSIL-HMP8156 Datasheet
185Kb / 33P
   NTSC/PAL Encoder
HMP8190 INTERSIL-HMP8190 Datasheet
227Kb / 32P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170_03 Datasheet
632Kb / 33P
   NTSC/PAL Video Encoder
HMP8170 INTERSIL-HMP8170 Datasheet
232Kb / 33P
   NTSC/PAL Video Encoder
logo
Mitsubishi Electric Sem...
M65677FP MITSUBISHI-M65677FP Datasheet
38Kb / 6P
   DIGITAL NTSC/PAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com