전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDB61581 데이터시트(PDF) 1 Page - Cirrus Logic

부품명 CDB61581
상세설명  Universal Line Interface Unit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB61581 데이터시트(HTML) 1 Page - Cirrus Logic

  CDB61581 Datasheet HTML 1Page - Cirrus Logic CDB61581 Datasheet HTML 2Page - Cirrus Logic CDB61581 Datasheet HTML 3Page - Cirrus Logic CDB61581 Datasheet HTML 4Page - Cirrus Logic CDB61581 Datasheet HTML 5Page - Cirrus Logic CDB61581 Datasheet HTML 6Page - Cirrus Logic CDB61581 Datasheet HTML 7Page - Cirrus Logic CDB61581 Datasheet HTML 8Page - Cirrus Logic CDB61581 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 1999
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
Features
s Socketed CS61581 Universal Line Interface
s All Required Components for CS61581 Evaluation
s LED Status Indications for Alarm Conditions and
Operating Status
s Support for Hardware and Host Modes
Description
The evaluation board includes a socketed CS61581 line
interface device and all support components necessary
for evaluation. The board is powered by an external
+5 Volt supply.
The board may be configured for 100
Ω twisted-pair T1,
75
Ω coax E1, or 120 Ω twisted-pair E1 short and long
haul operations. Binding posts and bantam jacks are
provided for the line interface connections. Several
BNC connectors provide clock and data I/O at the sys-
tem interface. Reference timing may be derived from a
quartz crystal or an external reference clock. Four LED
indicators monitor device alarm conditions and operat-
ing status.
ORDERING INFO:
CDB61581
TTIP
RTIP
5V+
0V
TCLK
TPOS
TNEG
RCLK
RPOS
RNEG
Hardware Control
and Mode Circuit
LED Status
Indicators
Serial Interface
Control Circuit
CS61581
XTL
MCLK
XTALOUT
XTALIN
+5V
4.7 k
TRING
RRING
(optional)
OCT ‘99
DS211DB2
Universal Line Interface Unit
CDB61581


유사한 부품 번호 - CDB61581

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CDB61584A CIRRUS-CDB61584A Datasheet
211Kb / 12P
   Dual Line Interface Unit
More results

유사한 설명 - CDB61581

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
78P7200 ETC1-78P7200 Datasheet
171Kb / 11P
   Line Interface Unit
logo
Cirrus Logic
CDB61584A CIRRUS-CDB61584A Datasheet
211Kb / 12P
   Dual Line Interface Unit
CS61318 CIRRUS-CS61318 Datasheet
442Kb / 28P
   E1 LINE INTERFACE UNIT
CS61581 CIRRUS-CS61581 Datasheet
810Kb / 37P
   T1/E1 Universal Line Interface
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
   Octal E1 Line Interface Unit
logo
Cirrus Logic
CS61880 CIRRUS-CS61880 Datasheet
791Kb / 70P
   OCTAL E1 LINE INTERFACE UNIT
logo
Exar Corporation
XR-T5793 EXAR-XR-T5793 Datasheet
164Kb / 16P
   Quad E1 Line Interface Unit
XRT5997 EXAR-XRT5997 Datasheet
257Kb / 37P
   Seven-Channel E1 Line Interface Unit
XR-T5794 EXAR-XR-T5794 Datasheet
186Kb / 20P
   Quad E-1 Line Interface Unit
XRT59L91 EXAR-XRT59L91 Datasheet
292Kb / 28P
   Single-Chip E1 Line Interface Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com