전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDB61581 데이터시트(PDF) 3 Page - Cirrus Logic

부품명 CDB61581
상세설명  Universal Line Interface Unit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB61581 데이터시트(HTML) 3 Page - Cirrus Logic

  CDB61581 Datasheet HTML 1Page - Cirrus Logic CDB61581 Datasheet HTML 2Page - Cirrus Logic CDB61581 Datasheet HTML 3Page - Cirrus Logic CDB61581 Datasheet HTML 4Page - Cirrus Logic CDB61581 Datasheet HTML 5Page - Cirrus Logic CDB61581 Datasheet HTML 6Page - Cirrus Logic CDB61581 Datasheet HTML 7Page - Cirrus Logic CDB61581 Datasheet HTML 8Page - Cirrus Logic CDB61581 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CDB61581
DS211DB2
3
1. POWER SUPPLY
As shown on the evaluation board schematic in
Figure 1, power is supplied to the board from an ex-
ternal +5 Volt supply connected to the two binding
posts labeled V+ and GND. Zener diode Z1 pro-
tects the components on the board from reversed
supply connections and over-voltage damage. Ca-
pacitor C1 provides power supply decoupling and
ferrite bead L1 helps isolate the CS61581 and buff-
er supplies. Capacitors C4, C5 and C6 provide
power supply decoupling for the CS61581. The
buffer U2 is decoupled using capacitor C15. Ferrite
bead L7 helps isolates the devices U2, U3 and U4.
2. BOARD CONFIGURATION
Slide switch S1 selects hardware, host or hardware-
coder mode operation by sliding it into HW, SW or
HWCDR positions, respectively.
2.1. Hardware Mode
In Hardware mode operation, the evaluation board
is configured using the DIP switch SW1. In this
mode, the switch establishes the digital control in-
puts for both line interface channels. Closing a DIP
switch away from the label sets the CS61581 con-
trol pin of the same name to a logic 1. The host pro-
cessor interface J1 should not be used in the
Hardware mode.
The CDB61581 switches and functions are listed
below:
-
TAOS: transmit all ones;
-
LLOOP: local loopback;
-
RLOOP: remote loopback;
-
JASEL: jitter attenuator path selection;
-
LBO1, LBO2: line build out settings.
All switch inputs are pulled-high using resistor net-
work RN1.
2.1.1. Network Loopback
NLOOP is enabled in the hardware mode by clos-
ing HDR11 (HW_NLOOP) and then pressing S2. It
can also be done by sliding the switches RLOOP,
LLOOP and TAOS on SW1 towards the labels,
pulling them high, and then pulling them back to
low by sliding RLOOP, LLOOP and TAOS to OFF
(away from the labels), in that order. NLOOP can
then be turned on by sending 1-in-5 pattern on the
RTIP and RRING pins for five seconds. The
NLOOP LED will light up at this point if HDR6 is
jumped to NLOOP_LED position. NLOOP can be
turned off by sending a 1-in-3 pattern on the pins
RTIP and RRING or five seconds.
2.2. Hardware-Coder Mode
This mode is essentially the same as the Hardware
mode with the B8ZS or HDB3 encoder/decoder en-
abled.
2.3. Host Mode
In Host mode operation, the evaluation board sup-
ports serial-port operation over interface port J1 us-
ing the printer port of a host PC running the
enclosed software. The evaluation board is con-
nected to the host PC using a DB-25 male-to-male
cable (included). Ferrite beads L2-L6 help reduce
incoming noise from the host interface. The SW1
switch must be open (all switches slid away from
the labels) to enable serial-port operation.
An external microprocessor may also interface to
the evaluation board to facilitate system software
development. The CS61581 interrupt pin, INT, is


유사한 부품 번호 - CDB61581

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CDB61584A CIRRUS-CDB61584A Datasheet
211Kb / 12P
   Dual Line Interface Unit
More results

유사한 설명 - CDB61581

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
78P7200 ETC1-78P7200 Datasheet
171Kb / 11P
   Line Interface Unit
logo
Cirrus Logic
CDB61584A CIRRUS-CDB61584A Datasheet
211Kb / 12P
   Dual Line Interface Unit
CS61318 CIRRUS-CS61318 Datasheet
442Kb / 28P
   E1 LINE INTERFACE UNIT
CS61581 CIRRUS-CS61581 Datasheet
810Kb / 37P
   T1/E1 Universal Line Interface
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
   Octal E1 Line Interface Unit
logo
Cirrus Logic
CS61880 CIRRUS-CS61880 Datasheet
791Kb / 70P
   OCTAL E1 LINE INTERFACE UNIT
logo
Exar Corporation
XR-T5793 EXAR-XR-T5793 Datasheet
164Kb / 16P
   Quad E1 Line Interface Unit
XRT5997 EXAR-XRT5997 Datasheet
257Kb / 37P
   Seven-Channel E1 Line Interface Unit
XR-T5794 EXAR-XR-T5794 Datasheet
186Kb / 20P
   Quad E-1 Line Interface Unit
XRT59L91 EXAR-XRT59L91 Datasheet
292Kb / 28P
   Single-Chip E1 Line Interface Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com