전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

PI74ALVCH16501 데이터시트(HTML) 5 Page - Pericom Semiconductor Corporation

부품명 PI74ALVCH16501
상세내용  18-Bit Universal Bus Transceiver With 3-State Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PERICOM [Pericom Semiconductor Corporation]
홈페이지  http://www.pericom.com
Logo 

PI74ALVCH16501 데이터시트(HTML) 5 Page - Pericom Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 5 page
 5 / 5 page
background image
PI74ALVCH16501
18-BIT UNIVERSAL BUS TRANSCEIVER
5
PS8133A
01/31/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Timing Requirements over Operating Range
Switching Characteristics Over Operating Range(1)
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
s
r
e
t
e
m
a
r
a
P
m
o
r
F
)
t
u
p
n
I
(
o
T
)
t
u
p
t
u
O
(
s
n
o
i
t
i
d
n
o
C
)
1
(
V C
C
V
2
.
0
±
V
5
.
2
=V C
C
V
7
.
2
=V C
C
V
.
0
±
V
3
.
3
=
s
t
i
n
U
.
n
i
M
)
2
(
.
x
a
M.
n
i
M
)
2
(
.
x
a
M.
n
i
M
)
2
(
.
x
a
M
f
X
A
M
CL
F
p
0
5
=
RL
0
0
5
=
0
5
10
5
10
5
1z
H
M
t D
P
B
r
o
AA
r
o
B2
.
14
.
55
.
41
9
.
3
s
n
E
LB
r
o
A6
.
13
.
63
.
53
.
16
.
4
K
L
CB
r
o
A7
.
17
.
66
.
54
.
19
.
4
t N
E
B
A
E
OB
1
.
13
.
63
.
50
.
16
.
4
t S
I
D
B
A
E
OB
2
.
24
.
67
.
54
.
10
.
5
t N
E
A
B
E
OA
4
.
18
.
60
.
61
.
10
.
5
t S
I
D
A
B
E
OA
0
.
25
.
56
.
43
.
12
.
4
Notes:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
)
1
(
V C
C
V
2
.
0
±
V
5
.
2
=V C
C
V
7
.
2
=V C
C
V
3
.
0
±
V
3
.
3
=
s
t
i
n
U
.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M
f
K
C
O
L
C
y
c
n
e
u
q
e
r
f
k
c
o
l
C
CL
F
p
0
5
=
RL
0
0
5
=
00
5
10
0
5
10
0
5
1z
H
M
tW
e
s
l
u
P
n
o
i
t
a
r
u
D
h
g
i
h
E
L3
.
33
.
33
.
3
s
n
w
o
l
r
o
h
g
i
h
K
L
C3
.
33
.
33
.
3
t U
S
p
u
t
e
S
e
m
i
t
K
L
C
e
r
o
f
e
b
a
t
a
D
2
.
21
.
27
.
1
E
L
e
r
o
f
e
b
a
t
a
D
h
g
i
h
K
L
C
,9
.
16
.
15
.
1
E
L
e
r
o
f
e
b
a
t
a
D
w
o
l
K
L
C
,3
.
11
.
10
.
1
tH
d
l
o
H
e
m
i
t
K
L
C
r
e
t
f
a
a
t
a
D
6
.
06
.
07
.
0
E
L
r
e
t
f
a
a
t
a
D
w
o
l
r
o
h
g
i
h
K
L
C4
.
17
.
14
.
1
∆ /t∆v )
2
(
l
l
a
F
r
o
e
s
i
R
n
o
i
t
i
s
n
a
r
T
t
u
p
n
I0
0
10
0
10
0
1V
/
s
n
Notes:
1. See test circuit and waveforms.
2. Unused control inputs must be held HIGH or LOW to prevent them from floating.
Operating Characteristics, TA = 25ºC
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
T
V C
C
V
2
.
0
±
V
5
.
2
=V C
C
V
3
.
0
±
V
3
.
3
=
s
t
i
n
U
l
a
c
i
p
y
T
C D
P
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
c
n
a
t
i
c
a
p
a
C
d
e
l
b
a
n
E
s
t
u
p
t
u
O
CL
z
H
M
0
1
=
f
,
F
p
0
5
=
4
44
5
F
p
d
e
l
b
a
s
i
D
s
t
u
p
t
u
O6
6


Html Pages

1  2  3  4  5 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn