전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4352 데이터시트(PDF) 10 Page - Cirrus Logic

부품명 CS4352
상세설명  192 kHz Stereo DAC with 2 Vrms Line Out
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4352 데이터시트(HTML) 10 Page - Cirrus Logic

Back Button CS4352 Datasheet HTML 6Page - Cirrus Logic CS4352 Datasheet HTML 7Page - Cirrus Logic CS4352 Datasheet HTML 8Page - Cirrus Logic CS4352 Datasheet HTML 9Page - Cirrus Logic CS4352 Datasheet HTML 10Page - Cirrus Logic CS4352 Datasheet HTML 11Page - Cirrus Logic CS4352 Datasheet HTML 12Page - Cirrus Logic CS4352 Datasheet HTML 13Page - Cirrus Logic CS4352 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
DS684PP1
CS4352
4. APPLICATIONS
4.1
Sample Rate Range/Operational Mode Detect
The device operates in one of three operational modes. The allowed sample rate range in each mode is
auto-detected.
The CS4352 will auto-detect the correct mode when the input sample rate (Fs), defined by the LRCK fre-
quency, falls within one of the ranges illustrated in Table 1. Sample rates outside the specified range for
each mode are not supported.
Table 1. CS4352 Auto-Detect
4.2
System Clocking
The device requires external generation of the master (MCLK), left/right (LRCK) and serial (SCLK) clocks.
The left/right clock, defined also as the input sample rate (Fs), must be synchronously derived from the
MCLK according to specified ratios. The specified ratios of MCLK to LRCK, along with several standard au-
dio sample rates and the required MCLK frequency, are illustrated in Tables 2-4.
Refer to Section 4.3 for the required SCLK timing associated with the selected Digital Interface Format and
to “Switching Specifications - Serial Audio Interface” on page 7 for the maximum allowed clock frequencies.
Table 2. Single-Speed Mode Standard Frequencies
Table 3. Double-Speed Mode Standard Frequencies
Table 4. Quad-Speed Mode Standard Frequencies
Input Sample Rate (FS)Mode
4 kHz - 54 kHz
Single-Speed Mode
84 kHz - 108 kHz
Double-Speed Mode
170 kHz - 216 kHz
Quad-Speed Mode
Sample Rate
(kHz)
MCLK (MHz)
256x
384x
512x
768x
1024x
32
8.1920
12.2880
16.3840
24.5760
32.7680
44.1
11.2896
16.9344
22.5792
33.8688
45.1584
48
12.2880
18.4320
24.5760
36.8640
49.1520
Sample Rate
(kHz)
MCLK (MHz)
128x
192x
256x
384x
512x
88.2
11.2896
16.9344
22.5792
33.8688
45.1584
96
12.2880
18.4320
24.5760
36.8640
49.1520
Sample Rate
(kHz)
MCLK (MHz)
128x
192x
256x
176.4
22.5792
33.8688
45.1584
192
24.5760
36.8640
49.1520


유사한 부품 번호 - CS4352

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4352 CIRRUS-CS4352 Datasheet
476Kb / 20P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352-CZZ CIRRUS-CS4352-CZZ Datasheet
476Kb / 20P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352-CZZR CIRRUS-CS4352-CZZR Datasheet
476Kb / 20P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352-DZZ CIRRUS-CS4352-DZZ Datasheet
476Kb / 20P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352-DZZR CIRRUS-CS4352-DZZR Datasheet
476Kb / 20P
   192 kHz Stereo DAC with 2 Vrms Line Out
More results

유사한 설명 - CS4352

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352_07 Datasheet
476Kb / 20P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4350 CIRRUS-CS4350_07 Datasheet
857Kb / 41P
   192 kHz Stereo DAC with Integrated PLL
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
   192 kHz Stereo DAC with Integrated PLL
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353 CIRRUS-CS4353 Datasheet
590Kb / 28P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com