전자부품 데이터시트 검색엔진 |
|
CS5373A-ISZ 데이터시트(PDF) 4 Page - Cirrus Logic |
|
CS5373A-ISZ 데이터시트(HTML) 4 Page - Cirrus Logic |
4 / 40 page CS5373A 4 DS703F1 1. CHARACTERISTICS AND SPECIFICATIONS • Min / Max characteristics and specifications are guaranteed over the Specified Operating Conditions. • Typical performance characteristics and specifications are measured at nominal supply voltages and TA = 25°C. • GND = 0 V. Single-ended voltages with respect to GND, differential voltages with respect to opposite half. • Device is connected as shown in Figure 8 on page 20 unless otherwise noted. SPECIFIED OPERATING CONDITIONS Notes: 1. VA- must always be the most-negative input voltage to avoid potential SCR latch-up conditions. 2. By design, a 2.500 V voltage reference input results in the best signal-to-noise performance. 3. Full-scale accuracy is directly proportional to the voltage reference absolute accuracy. 4. VREF inputs must satisfy: VA- < VREF- < VREF+ < VA+. Parameter Symbol Min Nom Max Unit Bipolar Power Supplies Positive Analog ± 2% VA+ 2.45 2.50 2.55 V Negative Analog (Note 1) ± 2% VA- -2.45 -2.50 -2.55 V Positive Digital ± 3% VD 3.20 3.30 3.40 V Voltage Reference {VREF+} - {VREF-} (Note 2, 3) VREF - 2.500 - V VREF- (Note 4)VREF- - VA - - V Thermal Ambient Operating Temperature Industrial (-ISZ) TA -40 25 85 °C Modes of Operation Selection MODE [2:0] Mode Description 0 000 Modulator: enabled. DAC: sleep. 1 001 Modulator: enabled. DAC: AC OUT and BUF outputs. 2 010 Modulator: enabled. DAC: AC OUT only, BUF high-z. 30 1 1 Modulator: enabled. DAC: AC BUF only, OUT high-z. 4 100 Modulator: enabled. DAC: DC common mode output. 5 101 Modulator: enabled. DAC: DC differential output. 61 1 0 Modulator: enabled. DAC: AC common mode output. 71 1 1 Modulator: sleep. DAC: sleep. DAC Attenuation Selection ATT[2:0] Attenuation dB 0 000 1/1 0 dB 1 0 0 1 1/2 -6.02 dB 2 0 1 0 1/4 -12.04 dB 3 0 1 1 1/8 -18.06 dB 4 1 0 0 1/16 -24.08 dB 5 1 0 1 1/32 -30.10 dB 6 1 1 0 1/64 -36.12 dB 7 1 1 1 reserved reserved Table 1. Selections for Operational Mode and DAC Attenuation |
유사한 부품 번호 - CS5373A-ISZ |
|
유사한 설명 - CS5373A-ISZ |