전자부품 데이터시트 검색엔진 |
|
CS5343-CZZR 데이터시트(PDF) 4 Page - Cirrus Logic |
|
CS5343-CZZR 데이터시트(HTML) 4 Page - Cirrus Logic |
4 / 21 page 4 DS687A4 CS5343/4 1. PIN DESCRIPTIONS Pin Name Pin # Pin Description SDOUT 1 Serial Audio Data Output (Output) - Output for two’s complement serial audio data. Also selects Master or Slave Mode. SCLK 2 Serial Clock (Input/Output) - Serial clock for the serial audio interface. LRCK 3 Left Right Clock (Input/Output) - Determines which channel, Left or Right, is currently active on the serial audio data line. MCLK 4 Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters. FILT+ 5 Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuits. AINL AINR 6 8 Analog Input (Input) - The full-scale analog input level is specified in the Analog Characteristics specifi- cation table. VQ 7 Quiescent Voltage (Output) - Filter connection for the internal quiescent reference voltage. GND 9 Ground (Input) - Ground reference. Must be connected to analog ground. VA 10 Power (Input) - Positive power supply for the digital and analog sections. 1 2 3 4 5 6 7 8 9 10 SDOUT SCLK LRCK MCLK FILT+ VA GND AINR VQ AINL |
유사한 부품 번호 - CS5343-CZZR |
|
유사한 설명 - CS5343-CZZR |