전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FKB-7681 데이터시트(PDF) 4 Page - Fujitsu Component Limited.

부품명 FKB-7681
상세설명  Ultra Low Profile Notebook Keyboard (64Keys)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [Fujitsu Component Limited.]
홈페이지  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FKB-7681 데이터시트(HTML) 4 Page - Fujitsu Component Limited.

  FKB-7681 Datasheet HTML 1Page - Fujitsu Component Limited. FKB-7681 Datasheet HTML 2Page - Fujitsu Component Limited. FKB-7681 Datasheet HTML 3Page - Fujitsu Component Limited. FKB-7681 Datasheet HTML 4Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
FKB-7681 Series
n
DIMENSIONS
Unit: mm
Japan
Fujitsu Component Limited
Gotanda-Chuo Building
3-5, Higashigotanda 2-chome, Shinagawa-ku
Tokyo 4, Japan
Tel: (8-3) 5449-700
Fax: (8-3) 5449-2626
Email: promothq@ft.ed.fujitsu.com
Web: www.fcl.fujitsu.com
North and South America
Fujitsu Components America, Inc.
250 E. Caribbean Drive
Sunnyvale, CA 94089 U.S.A.
Tel: (-408) 745-4900
Fax: (-408) 745-4970
Email: components@us.fujitsu.com
Web: http://www.fujitsu.com/us/services/edevices/components/
Europe
Fujitsu Components Europe B.V.
Diamantlaan 25
232 WV Hoofddorp
Netherlands
Tel: (3-23) 556090
Fax: (3-23) 5560950
Email: info@fceu.fujitsu.com
Web: emea.fujitsu.com/components/
Asia Pacific
Fujitsu Components Asia Ltd.
02E Pasir Panjang Road
#0-0 Citilink Warehouse Complex
Singapore 8529
Tel: (65) 6375-8560
Fax: (65) 6273-302
Email: fcal@fcal.fujitsu.com
Web: http://www.fujitsu.com/sg/services/micro/components/
Fujitsu Components International Headquarter Offices
©2006 Fujitsu Components America, Inc. All rights reserved. All trademarks or registered trademarks are the property of their respective
owners.
Fujitsu Components America or its affiliates do not warrant that the content of datasheet is error free. In a continuing effort to improve our
products Fujitsu Components America, Inc. or its affiliates reserve the right to change specifications/datasheets without prior notice.
Rev. June7/2006


유사한 부품 번호 - FKB-7681

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
FKB-7681 FUJITSU-FKB-7681_07 Datasheet
304Kb / 4P
   Ultra Low Profile Notebook Keyboard (64Keys)
More results

유사한 설명 - FKB-7681

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
FKB-7681 FUJITSU-FKB-7681_07 Datasheet
304Kb / 4P
   Ultra Low Profile Notebook Keyboard (64Keys)
logo
CUI INC
GC0351P-3 CUI-GC0351P-3 Datasheet
557Kb / 2P
   LOW PROFILE NOTEBOOK SPEAKER
GC0351M-3 CUI-GC0351M-3 Datasheet
190Kb / 2P
   LOW PROFILE NOTEBOOK SPEAKER
GC0402MA CUI-GC0402MA Datasheet
120Kb / 2P
   LOW PROFILE NOTEBOOK SPEAKER
GC0351M CUI-GC0351M Datasheet
160Kb / 2P
   LOW PROFILE NOTEBOOK SPEAKER
logo
Microchip Technology
MEC172X MICROCHIP-MEC172X_V01 Datasheet
6Mb / 786P
   Keyboard and Embedded Controller for Notebook PC
DS00003583G (04-26-22)
logo
CUI INC
GC0351P-1 CUI-GC0351P-1 Datasheet
595Kb / 2P
   LOW PROFILE NOTEBOOK SPEAKER
GC0401S CUI-GC0401S Datasheet
96Kb / 2P
   LOW PROFILE NOTEBOOK SPEAKER
logo
Microchip Technology
MEC172X MICROCHIP-MEC172X Datasheet
6Mb / 786P
   Keyboard and Embedded Controller for Notebook PC
02/28/20
logo
CUI INC
GC0301K CUI-GC0301K Datasheet
163Kb / 2P
   LOW PROFILE NOTEBOOK SPEAKER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com