전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC1017-2.8VLT 데이터시트(PDF) 7 Page - Microchip Technology

부품명 TC1017-2.8VLT
상세설명  150 mA, Tiny CMOS LDO With Shutdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017-2.8VLT 데이터시트(HTML) 7 Page - Microchip Technology

Back Button TC1017-2.8VLT Datasheet HTML 3Page - Microchip Technology TC1017-2.8VLT Datasheet HTML 4Page - Microchip Technology TC1017-2.8VLT Datasheet HTML 5Page - Microchip Technology TC1017-2.8VLT Datasheet HTML 6Page - Microchip Technology TC1017-2.8VLT Datasheet HTML 7Page - Microchip Technology TC1017-2.8VLT Datasheet HTML 8Page - Microchip Technology TC1017-2.8VLT Datasheet HTML 9Page - Microchip Technology TC1017-2.8VLT Datasheet HTML 10Page - Microchip Technology TC1017-2.8VLT Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
 2003 Microchip Technology Inc.
DS21813B-page 7
TC1017
Note: Unless otherwise noted, VIN = VR + 1V, IL = 100 µA, CL = 1.0 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-19:
Power Supply Rejection
Ratio vs. Frequency.
FIGURE 2-20:
Wake-Up Response.
FIGURE 2-21:
Wake-Up Response.
FIGURE 2-22:
Load Transient Response.
FIGURE 2-23:
Load Transient Response.
FIGURE 2-24:
Line Transient Response.
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (KHz)
VINDC = 3.85V
VINAC = 100 mVp-p
VOUTDC = 2.85V
IOUT =50mA
COUT =1µFX7R Ceramic
V
IN = 3.85V
C
IN = 10 µF
C
OUT = 1 µF Ceramic
Shutdow n Input
V
OUT = 2.85V
V
IN = 3.85V
C
IN = 10 µF
C
OUT = 4.7 µF Ceramic
Shutdow n Input
V
OUT = 2.85V
V
IN = 3.85V
C
IN = 10 µF
C
OUT = 1 µF Ceramic
V
OUT = 2.85V
I
OUT = 0.1 mA to 120 mA
V
IN = 3.85V
C
IN = 10 µF
C
OUT = 4.7 µF Ceramic
V
OUT = 2.85V
I
OUT = 0.1 mA to 120 mA
C
IN = 0 µF
C
OUT = 1.0 µF Ceramic
I
LOAD = 120 mA
V
OUT = 2.85V
V
IN = 3.85V to 4.85V


유사한 부품 번호 - TC1017-2.8VLT

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC1017-2.8VCT MICROCHIP-TC1017-2.8VCT Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results

유사한 설명 - TC1017-2.8VLT

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
TC1016 MICROCHIP-TC1016_13 Datasheet
297Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
03/01/05
TC1016 MICROCHIP-TC1016 Datasheet
327Kb / 20P
   80MA TINY CMOS LDO WITH SHUTDOWN
2001
MCP1804 MICROCHIP-MCP1804_13 Datasheet
2Mb / 36P
   150 mA, 28V LDO Regulator With Shutdown
08/20/13
MCP1804 MICROCHIP-MCP1804 Datasheet
649Kb / 38P
   150 mA, 28V LDO Regulator With Shutdown
2009
MCP1804T-5002I MICROCHIP-MCP1804T-5002I Datasheet
545Kb / 38P
   150 mA, 28V LDO Regulator With Shutdown
03/26/09
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
logo
Microchip Technology
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com