전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA8496FL 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TA8496FL
상세설명  Bipolar Linear Integrated Circuit Silicon Monolithic
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8496FL 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TA8496FL Datasheet HTML 1Page - Toshiba Semiconductor TA8496FL Datasheet HTML 2Page - Toshiba Semiconductor TA8496FL Datasheet HTML 3Page - Toshiba Semiconductor TA8496FL Datasheet HTML 4Page - Toshiba Semiconductor TA8496FL Datasheet HTML 5Page - Toshiba Semiconductor TA8496FL Datasheet HTML 6Page - Toshiba Semiconductor TA8496FL Datasheet HTML 7Page - Toshiba Semiconductor TA8496FL Datasheet HTML 8Page - Toshiba Semiconductor TA8496FL Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TA8496FL
2003-10-07
3
Functions
Input
Write Unit
ON/OFF
R/W
ENA
CLK
COM
HDin
Read Unit
H
H/L
H/L
Enable
L
H
H
L
H
Disable
L
H
L
H
L
Disable
L
L
L
L
L
Disable
H
L
L
H
Disable
L
H/L
H/L
H/L
Disable
∞: High impedance
Electrical Characteristics
Interface Block (unless otherwise is specified, VCC ==== 5 V, VBAT ==== 3 V, Ta ==== 25°°°°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VIN1-Hi
ENA, ON/OFF
2.5
VCC
VIN1-Lo
ENA, ON/OFF
1.0
VIN2-Hi
CLK, R/W
1.5
VCC
Input Voltage
VIN2-Lo
CLK, R/W
0.5
V
IIN1-Hi
CLK, VIN = 5 V
15
25
IIN1-Lo
CLK, VIN = 0 V
−85
−120
IIN2-Hi
ENA, VIN = 5 V
85
120
IIN3-Hi
R/W, VIN = 5 V
15
25
IIN3-Lo
R/W, VIN = 0 V
−85
−120
Input Current
IIN4-Hi
1
ON/OFF, VIN = 5 V
85
120
µA


유사한 부품 번호 - TA8496FL

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA8490 TOSHIBA-TA8490 Datasheet
783Kb / 21P
   3-PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC FOR CD-ROM DRIVES
TA8490F TOSHIBA-TA8490F Datasheet
783Kb / 21P
   3-PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC FOR CD-ROM DRIVES
TA8492P TOSHIBA-TA8492P Datasheet
178Kb / 13P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA8492P TOSHIBA-TA8492P Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA8492P/PG TOSHIBA-TA8492P/PG Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
More results

유사한 설명 - TA8496FL

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA1287PG TOSHIBA-TA1287PG Datasheet
428Kb / 24P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA78L05FTE12L TOSHIBA-TA78L05FTE12L Datasheet
390Kb / 19P
   Bipolar Linear Integrated Circuit Silicon Monolithic
TA4107F TOSHIBA-TA4107F Datasheet
102Kb / 7P
   Bipolar Linear Integrated Circuit Silicon Monolithic
TA8129Z TOSHIBA-TA8129Z Datasheet
1Mb / 27P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com